Electronic Components Datasheet Search
  English  ▼

X  

EL5292CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5292CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5292CS Datasheet HTML 1Page - Elantec Semiconductor EL5292CS Datasheet HTML 2Page - Elantec Semiconductor EL5292CS Datasheet HTML 3Page - Elantec Semiconductor EL5292CS Datasheet HTML 4Page - Elantec Semiconductor EL5292CS Datasheet HTML 5Page - Elantec Semiconductor EL5292CS Datasheet HTML 6Page - Elantec Semiconductor EL5292CS Datasheet HTML 7Page - Elantec Semiconductor EL5292CS Datasheet HTML 8Page - Elantec Semiconductor EL5292CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5292C is a dual current feedback amplifier with a very high
bandwidth of 600MHz. This makes this amplifier ideal for today’s
high speed video and monitor applications.
With a supply current of just 6mA per amplifier and the ability to run
from a single supply voltage from 5V to 10V, the EL5292C is also
ideal for hand held, portable or battery powered equipment.
The EL5292C is offered in the industry standard 8-pin SO. The
EL5292C operates over the industrial temperature range of -40
°C to
+85
°C.
Pin Configurations
1
2
3
4
8
7
6
5
-
+
INB-
OUTB
INA-
INA+
VS-
INB+
VS+
OUTA
-
+
8-Pin SO
EL5292CS
Features
• 600MHz -3dB bandwidth
• 6mA supply current (per amplifier)
• Single and dual supply operation,
from 5V to 10V
• Single (EL5192C) and triple
(EL5392C) available
• High speed, 1GHz product
available (EL5191C)
• Low power, 4mA, 300MHz
product available (EL5193C,
EL5293C, and EL5393C
Applications
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters
Ordering Information
Part No
Package
Tape &
Reel
Outline #
EL5292CS
8-Pin SO
-
MDP0027
EL5292CS-T7
8-Pin SO
7”
MDP0027
EL5292CS-T13
8-Pin SO
13”
MDP0027
EL5292C
Dual 600MHz Current Feedback Amplifier


Similar Part No. - EL5292CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5292CS INTERSIL-EL5292CS Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5292CS INTERSIL-EL5292CS Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
logo
Renesas Technology Corp
EL5292CS RENESAS-EL5292CS Datasheet
794Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5292CS-T13 INTERSIL-EL5292CS-T13 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5292CS-T13 INTERSIL-EL5292CS-T13 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
More results

Similar Description - EL5292CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
600MHz Current Feedback Amplifier
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
Triple 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
March 9, 2006
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
600MHz Current Feedback Amplifier with Enable
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com