Electronic Components Datasheet Search
  English  ▼

X  

EL5293CS Datasheet(PDF) 14 Page - Elantec Semiconductor

Part # EL5293CS
Description  Dual 300MHz Current Feedback Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5293CS Datasheet(HTML) 14 Page - Elantec Semiconductor

Back Button EL5293CS Datasheet HTML 7Page - Elantec Semiconductor EL5293CS Datasheet HTML 8Page - Elantec Semiconductor EL5293CS Datasheet HTML 9Page - Elantec Semiconductor EL5293CS Datasheet HTML 10Page - Elantec Semiconductor EL5293CS Datasheet HTML 11Page - Elantec Semiconductor EL5293CS Datasheet HTML 12Page - Elantec Semiconductor EL5293CS Datasheet HTML 13Page - Elantec Semiconductor EL5293CS Datasheet HTML 14Page - Elantec Semiconductor EL5293CS Datasheet HTML 15Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
EL5293C
Dual 300MHz Current Feedback Amplifier
remain in the safe operating area. These parameters are
calculated as follows:
where:
70$; 0D[LPXP $PELHQW7HPSHUDWXUH
θ-$ 7KHUPDO5HVLVWDQFHRIWKH3DFNDJH
Q 1XPEHURI $PSOLILHUVLQWKH3DFNDJH
3'0$; 0D[LPXP 3RZHU 'LVVLSDWLRQRI(DFK
$PSOLILHU LQ WKH 3DFNDJH
PDMAX for each amplifier can be calculated as follows:
where:
96 6XSSO\9ROWDJH
,60$; 0D[LPXP 6XSSO\ &XUUHQW RI $
92870$; 0D[LPXP 2XWSXW9ROWDJH 5HTXLUHG
5/ /RDG 5HVLVWDQFH
T
JMA X
T
MA X
θ
JA
nPD
MA X
×
×
()
+
=
PD
MA X
2
(
V
S
I
SMA X )
V
S
(
V
OU T MAX )
V
OU T MAX
R
L
----------------------------
×
–
+
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com