Electronic Components Datasheet Search
  English  ▼

X  

EL5396CS Datasheet(PDF) 12 Page - Elantec Semiconductor

Part # EL5396CS
Description  Triple 400MHz Fixed Gain Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5396CS Datasheet(HTML) 12 Page - Elantec Semiconductor

Back Button EL5396CS Datasheet HTML 5Page - Elantec Semiconductor EL5396CS Datasheet HTML 6Page - Elantec Semiconductor EL5396CS Datasheet HTML 7Page - Elantec Semiconductor EL5396CS Datasheet HTML 8Page - Elantec Semiconductor EL5396CS Datasheet HTML 9Page - Elantec Semiconductor EL5396CS Datasheet HTML 10Page - Elantec Semiconductor EL5396CS Datasheet HTML 11Page - Elantec Semiconductor EL5396CS Datasheet HTML 12Page - Elantec Semiconductor EL5396CS Datasheet HTML 13Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
EL5396C - Preliminary
Triple 400MHz Fixed Gain Amplifier
Pin Descriptions
EL5396C
16-Pin SO & 16-
Pin QSOP
Pin Name
Function
Equivalent Circuit
1
INA+
Non-inverting input, Channel A
Circuit1
2
CEA
Amplifier A enable
Circuit 2
3
VS-
Negative supply
4
CEB
Amplifier B enable
(Reference Circuit 2)
5
INB+
Non-inverting input, Channel B
(Reference Circuit 1)
6
NC
Not connected
7
CEC
Amplifier C enable
(Reference Circuit 2)
8
INC+
Non-inverting input, Channel C
(Reference Circuit 1)
9
INC-
Inverting input, Channel C
(Reference Circuit 1)
10
OUTC
Output, Channel C
Circuit 3
11
NC
Not connected
12
INB-
Inverting input, Channel B
(Reference Circuit 1)
13
OUTB
Output, Channel B
(Reference Circuit 3)
14
VS+
Positive supply
15
OUTA
Output, Channel A
(Reference Circuit 3)
16
INA-
Inverting input, Channel A
(Reference Circuit 1)
RG
RF
IN-
IN+
CE
RF
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com