Electronic Components Datasheet Search
  English  ▼

X  

EL5397CU Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL5397CU
Description  Triple 200MHz Fixed Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5397CU Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL5397CU Datasheet HTML 6Page - Elantec Semiconductor EL5397CU Datasheet HTML 7Page - Elantec Semiconductor EL5397CU Datasheet HTML 8Page - Elantec Semiconductor EL5397CU Datasheet HTML 9Page - Elantec Semiconductor EL5397CU Datasheet HTML 10Page - Elantec Semiconductor EL5397CU Datasheet HTML 11Page - Elantec Semiconductor EL5397CU Datasheet HTML 12Page - Elantec Semiconductor EL5397CU Datasheet HTML 13Page - Elantec Semiconductor EL5397CU Datasheet HTML 14Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
EL5397C - Preliminary
Triple 200MHz Fixed Gain Amplifier
remain in the safe operating area. These parameters are
calculated as follows:
where:
TMAX = Maximum Ambient Temperature
θJA = Thermal Resistance of the Package
n = Number of Amplifiers in the Package
PDMAX = Maximum Power Dissipation of Each
Amplifier in the Package
PDMAX for each amplifier can be calculated as follows:
where:
VS = Supply Voltage
ISMAX = Maximum Supply Current of 1A
VOUTMAX = Maximum Output Voltage (Required)
RL = Load Resistance
TJMAX
TMAX
θJA n PDMAX
×
×
()
+
=
PDMAX
2
(
VS ISMAX )
VS
(
VOUTMAX )
VOUTMAX
RL
----------------------------
×
–
+
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com