Electronic Components Datasheet Search
  English  ▼

X  

SS52L Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS52L
Description  Surface Mount Low VF Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS52L Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS52L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS52L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified
Maximum recurrent peak reverse voltage
VRRM
40
50
60
V
Maximum RMS voltage
VRWS
28
35
42
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ord rectified current at
c T
L(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
c sine-w ave superimposed on rated load(JEDEC
c Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v 5.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
A=25
o
C
at rated DC blockjing voltage(NOTE1) @T
A=100
o
C
RθJA
RθJL
Operating junction temperature range
TJ
oC
Storage temperature range
TSTG
oC
0.5
55
17
IR
NOTE: 1.Pulse test:300μS pulse width,1%duty cy cle
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
Built-in strain relief
Case:JEDEC SMB,molded plastic over
1111passivated chip
Low power loss,high effciency
Plastic package has Underwriters Laborator
111
Flammability Classification 94V-0
Typical thermal resitance (NOTE2)
oC/W
High temperature soldering guaranteed:250oC/10 1
11
seconds at terminals
Polarity: Color band denotes cathode end
Weight: 0.093 gram
mA
UNITS
Low profile package
For surface mounted applications
20
30
40
50
60
80
90
100
14
21
20
High current capability,low forward voltage drop
30
175
5.0
For use in low voltage high frequency inverters,free
111
wheeling and polarity protection applications
Guardring for overvoltage protection
-55--- +150
-55--- +150
0.45
0.6
20
10
Metal silicon junction, majority carrier conduction
High surge capability
0.75
Features
Mechanical Data
SS52L SS53L SS54L SS55L SS56L SS58L SS59L SS510L
80
90
100
56
63
70
SMB/DO-214AA
0.180(4.57)
0.160(4.06)
0.086(2.20)
0.077(1.95)
0.209(5.30)
0.201(5.10)
0.155(3.94)
0.130(3.30)
Dimensions in inches and(millimeters)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.096(2.44)
0.084(2.13)
0.059(1.50)
0.035(0.90)
0.002(0.05)
SS52L THRU SS510L
http://www.trr-jx.com
Surface Mount Low VF Schottky Rectifiers


Similar Part No. - SS52L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS52L LUGUANG-SS52L Datasheet
167Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SS52L ETC2-SS52L Datasheet
697Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SS52L CHONGQING-SS52L Datasheet
177Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SS52L BYTESONIC-SS52L Datasheet
220Kb / 2P
Schottky Barrier Rectifier
Version 1.3 2019/6/20
logo
DAESAN ELECTRONIC CORP.
SS52L DAESAN-SS52L Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS52L

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SL12 JUXING-SL12 Datasheet
992Kb / 2P
Surface Mount Low VF Schottky Rectifiers
DSK24L JUXING-DSK24L Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SS14L JUXING-SS14L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS34L JUXING-SS34L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L_18 JUXING-SS54L_18_01 Datasheet
2Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS545LF JUXING-SS545LF Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SSL545BF JUXING-SSL545BF Datasheet
806Kb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK12L JUXING-DSK12L_19 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK34L JUXING-DSK34L_V01 Datasheet
809Kb / 3P
Surface Mount Low VF Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com