Electronic Components Datasheet Search
  English  ▼

X  

SS2200 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS2200
Description  Surface Mount Schottky Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS2200 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS2200 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SS2200
SS2150
SS28~SS2200
0.85V
80 V to 200 V
200
140
200
150
105
150
80
56
80
SS210
SS28
A
Major Ratings and Characteristics
IF(AV)
2.0 A
VRRM
IFSM
50 A
VF
Tj max.
150 °C
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperatrue soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case: JEDEC DO-214ACmolded plastic
body over passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum RMS voltage
VRMS
70
V
Maximum DC blocking voltage
VDC
100
V
Maximum average forward rectified current
IF(AV)
2
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
50
A
Maximum instantaneous forwad voltage at 2.0
VF
0.85
V
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
IR
0.5
mA
5
mA
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
Thermal resistance from junction to ambient
RθJA
88
℃/ W
Operating junction and storage
temperature range
TJ, TSTG
– 65 to +150
℃
- 1 -
http://www.trr-jx.com
Surface Mount Schottky Rectifiers


Similar Part No. - SS2200

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS2200 CHENDA-SS2200 Datasheet
197Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current -2.0 Amperes
SS2200 CHENDA-SS2200 Datasheet
500Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS2200 YFWDIODE-SS2200 Datasheet
494Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS2200 BILIN-SS2200 Datasheet
91Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS2200 JUXING-SS2200 Datasheet
2Mb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS2200

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com