Electronic Components Datasheet Search
  English  ▼

X  

SL33 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SL33
Description  Surface Mount Low VF Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SL33 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SL33 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SL33 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SL33 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SL32~SL36
Surface Mount Low VF Schottky Rectifiers
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC DO-214AC molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
IF(AV)
3.0A
VRRM
20 V to 60 V
IFSM
100A
VF
0.40V, 0.65V
●
Polarity:
Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Tj max.
125 °C
Items
Symbol
SL32
SL33
SL34
SL36
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
60
V
Maximum RMS voltage
VRMS
14
21
28
42
V
Maximum DC blocking voltage
VDC
20
30
40
60
V
A
Maximum average forward rectified current
IF(AV)
3
A
V/µs
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
100
Voltage rate of change (rated VR)
dv/dt
10000
℃
/W
℃
Thermal resistance from junction to lead
(1)
RθJL
35
Operating junction and storage temperature range
TJ,TSTG
–65 to +125
Items
Test conditions
Symbol
SL32~34
Instantaneous forward voltage
IF=3.0A
(2)
VF
0.40
mA
UNIT
V
SL36
0.65
VR=VDC
TA=25℃
IR
1.0
Reverse current
TA=100℃
20
http://www.trr-jx.com


Similar Part No. - SL33

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL33 PANJIT-SL33 Datasheet
55Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL33 TRSYS-SL33 Datasheet
123Kb / 1P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SL33 GOOD-ARK-SL33 Datasheet
181Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
Frontier Electronics.
SL33 FRONTIER-SL33 Datasheet
450Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SL33 BILIN-SL33 Datasheet
539Kb / 4P
Schottky Barrier Rectifiers
Rev.B
More results

Similar Description - SL33

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SL12 JUXING-SL12 Datasheet
992Kb / 2P
Surface Mount Low VF Schottky Rectifiers
DSK24L JUXING-DSK24L Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SS14L JUXING-SS14L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS34L JUXING-SS34L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L_18 JUXING-SS54L_18_01 Datasheet
2Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS545LF JUXING-SS545LF Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SSL545BF JUXING-SSL545BF Datasheet
806Kb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK12L JUXING-DSK12L_19 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK34L JUXING-DSK34L_V01 Datasheet
809Kb / 3P
Surface Mount Low VF Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com