Electronic Components Datasheet Search
  English  ▼

X  

NG80960JS25 Datasheet(PDF) 10 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 10 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 6Page - Intel Corporation NG80960JS25 Datasheet HTML 7Page - Intel Corporation NG80960JS25 Datasheet HTML 8Page - Intel Corporation NG80960JS25 Datasheet HTML 9Page - Intel Corporation NG80960JS25 Datasheet HTML 10Page - Intel Corporation NG80960JS25 Datasheet HTML 11Page - Intel Corporation NG80960JS25 Datasheet HTML 12Page - Intel Corporation NG80960JS25 Datasheet HTML 13Page - Intel Corporation NG80960JS25 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
10
Datasheet
The Solutions960
® program features a wide variety of development tools which support the i960
processor family. Many of these tools are developed by partner companies; some are developed by
Intel, such as profile-driven optimizing compilers. For more information on these products, contact
your local Intel representative.
2.1
80960 Processor Core
The 80960Jx family is a scalar implementation of the 80960 core architecture. Intel designed this
processor core as a very high performance device that is also cost-effective. Factors that contribute
to the core’s performance include:
• Core operates at the bus speed with the 80960JA/JF/JS
• Core operates at two or three times the bus speed with the 80960JD/JC and 80960JT,
respectively
• Single-clock execution of most instructions
• Independent Multiply/Divide Unit
• Efficient instruction pipeline minimizes pipeline break latency
• Register and resource scoreboarding allow overlapped instruction execution
• 128-bit register bus speeds local register caching
• Two-way set associative, integrated instruction cache
• Direct-mapped, integrated data cache
• 1-Kbyte integrated data RAM delivers zero wait state program data
Figure 2. 80960Jx Block Diagram
Programmable
Interrupt Controller
Control
Address/
Instruction Sequencer
Physical Region
Configuration
Interrupt
Port
1K Data RAM
Memory
Interface
Execution
Multiply
Unit
Divide
Unit
Memory-Mapped
Register Interface
Data Bus
Global / Local
Register File
SRC2
DEST
SRC1
address
Control
effective
Constants
Generation
Unit
Address
32-bit Address
32-bit Data
Bus Request
Queues
and
Two 32-Bit
Timers
8-Set
Local Register Cache
PLL, Clocks,
Power Mgmt
Boundary Scan
Controller
TAP
5
CLKIN
9
32
32-bit buses
address / data
21
Instruction Cache
80960JA - 2K
80960JF/JD - 4K
80960JS/JC/JT - 16K
Direct Mapped
Data Cache
80960JA - 1K
80960JF/JD - 2K
80960JS/JC/JT -
128
3 Independent 32-Bit SRC1, SRC2, and DEST Buses
Bus
Control Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com