Electronic Components Datasheet Search
  English  ▼

X  

BD2425NNRF Datasheet(PDF) 1 Page - Anaren Microwave

Part # BD2425NNRF
Description  Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425NNRF Datasheet(HTML) 1 Page - Anaren Microwave

  BD2425NNRF Datasheet HTML 1Page - Anaren Microwave BD2425NNRF Datasheet HTML 2Page - Anaren Microwave BD2425NNRF Datasheet HTML 3Page - Anaren Microwave BD2425NNRF Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425NnRF
Rev B
Ultra Low Profile 0404 Balun
For nRF24L01 and nRF24L01+
(Anaren Application Note Ann-3001)
Description
The BD2425NnRF is a low cost, low profile sub-miniature unbalanced to
balanced transformer designed for differential inputs and output, tuned to provide
optimal performance in tandem with the Nordic Semiconductor nRF24L01 and
nRF24L01+. The BD2425NnRF is ideal for high volume manufacturing and delivers
higher performance than a discrete implementation. The BD2425NnRF has an
unbalanced port impedance of 50Ω and matched balanced port impedance when
used in the specified matching network, which is the conjugate match of the
nRF24L01 and nRF24L01+ devices. This transformation enables single ended
signals to be applied to differential ports on the nRF24L01 and nRF24L01+. The
BD2425NnRF is available on tape and reel for pick and place high volume
manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2525
MHz
Unbalanced Port Impedance**
50
Balanced Port Impedance**
Matched
Return Loss**
10.2
dB
Insertion Loss* **
1.25
dB
Power Handling
1
Watts
Features:
• 2400 – 2525 MHz
• 0.57 mm Height Profile
• Matched to Nordic Semiconductor
nRF24L01 and nRF24L01+
• Low Insertion Loss
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
** Stated performance assumes proper matching network found in application note: Ann-3001
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Unbalanced Port
GND / DC Feed
+ RF GND
4
3
Designation
Pin
1
2
1
2
3
4
Balanced Port
.041±.004
[1.05±0.10]
.041±.004
[1.05±0.10]
.022±.001
[0.57±0.03]
.020 [0.50]
.020 [0.50]
Balanced Port
3x.010
[0.25]
3x.010
[0.25]
0.12 [0.30]
.012 [0.30]


Similar Part No. - BD2425NNRF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
More results

Similar Description - BD2425NNRF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
Ultra Low Profile 0404 Balun
logo
Johanson Technology Inc...
2450BM14A0002 JOHANSON-2450BM14A0002 Datasheet
213Kb / 2P
2.45 GHz Balun / Matching Network : Optimized for Nordic Chipset nRF24L01/
logo
Anaren Microwave
BD2425N50ATI ANAREN-BD2425N50ATI_14 Datasheet
258Kb / 4P
Ultra Low Profile 0404 Balun for TI transceiver CC2500
BD2425N100ATI ANAREN-BD2425N100ATI Datasheet
2Mb / 4P
Impedance Matched Ultra Low profile 0404 Balun for TI CC2530 chipset
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
Ultra Low Profile 0404 Balun
BD2425N5075AHF ANAREN-BD2425N5075AHF Datasheet
295Kb / 5P
Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
Ultra Low Profile 0404 Balun
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com