Electronic Components Datasheet Search
  English  ▼

X  

SLR-342VR Datasheet(PDF) 3 Page - Rohm

Part # SLR-342VR
Description  Viewing angle 20 1/2 40
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342VR Datasheet(HTML) 3 Page - Rohm

  SLR-342VR Datasheet HTML 1Page - Rohm SLR-342VR Datasheet HTML 2Page - Rohm SLR-342VR Datasheet HTML 3Page - Rohm SLR-342VR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SLR-342 Series
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
※
SLR-342VC
Diffused Colored
※
SLR-342VR
Orange (D)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
※
SLR-342DC
Diffused Colored
※
SLR-342DU
Yellow (Y)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
※
SLR-342YC
Diffused Colored
※
SLR-342YY
Green (M)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
※
SLR-342MC
Diffused Colored
※
SLR-342MG
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
∗
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S L R
3 4 2 Y
Series name
Package type
Emitting Color Resin Color
Taping specifications
V
D
Y
M
R <Red>
Diffused Colored
<Orange>
Diffused Colored
<Yellow>
Diffused Colored
<Green>
Diffused Colored
Transparent
Colored
U
Y
G
C
Red:630nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572(563)nm
T
See taping specifications
C T 3 2
Rank sign (Brightness Rank)∗
M
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com