Electronic Components Datasheet Search
  English  ▼

X  

MAPDCC0010 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0010
Description  Low Cost Two-Way GMIC SMT Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0010 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Cost Two-Way GMIC SMT Power Divider,
2200 - 2500 MHz
Rev. V2
MAPDCC0010
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Isolation vs. Frequency
VSWR vs. Frequency
Typical Performance Curves @ 25ºC
Insertion Loss vs. Frequency
0.0
0.5
1.0
1.5
2200
2275
2350
2425
2500
Fre que ncy (MHz )
14
16
18
20
22
24
26
2200
2275
2350
2425
2500
Fre que ncy (MHz )
1.0
1.2
1.4
1.6
1.8
2.0
2200
2275
2350
2425
2500
Fre quency (MHz )
Inp ut
Out p ut
Lead-Free, SOT-25
†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com