Electronic Components Datasheet Search
  English  ▼

X  

PS9905 Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9905
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9905 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9905 Datasheet HTML 7Page - California Eastern Labs PS9905 Datasheet HTML 8Page - California Eastern Labs PS9905 Datasheet HTML 9Page - California Eastern Labs PS9905 Datasheet HTML 10Page - California Eastern Labs PS9905 Datasheet HTML 11Page - California Eastern Labs PS9905 Datasheet HTML 12Page - California Eastern Labs PS9905 Datasheet HTML 13Page - California Eastern Labs PS9905 Datasheet HTML 14Page - California Eastern Labs PS9905 Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PS9905
Chapt
8
1
f
o
1
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
8
5
0
0
S
D
8
0
R
Jun 11, 2012
Ambient Temperature TA (°C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
−
20
0
20
40
80
60
−
40
2.0
1.5
1.0
0.5
100
Ambient Temperature TA (°C)
Supply Voltage VCC (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
3
0
2
5
1
25
2.0
0.5
1.0
1.5
HIGH LEVEL OUTPUT VOLTAGE – SUPPLY
VOLTAGE vs. AMBIENT TEMPERATURE
−
20
0
20
40
80
60
−
40
0.0
−
3.0
−
2.5
−
2.0
−
1.5
−
1.0
−
0.5
100
−
20
0
20
40
80
60
−
0
0
1
0
4
Ambient Temperature TA (°C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
0.30
0.00
0.05
0.10
0.15
0.20
0.25
Ambient Temperature TA (°C)
LOW LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
−
20
0
20
40
80
60
−
0
0
1
0
4
3.0
0.0
0.5
1.0
1.5
2.0
2.5
−
20
0
20
40
80
60
−
0
0
1
0
4
3.0
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 30 V, VEE = GND,
IF = 12 mA, IO = –100 mA
VCC = 30 V, VEE = GND,
IF = 12 mA, VCC–VO = 4 V
VCC = 30 V, VEE = GND,
IF = 0 mA, VO = 2.5 V
VCC = 30 V, VEE = GND,
IF = 0 mA, IO = 100 mA
VCC = 30 V,
VEE = GND,
VO = OPEN
ICCL (IF = 0 mA)
ICCH (IF = 12 mA)
TA = 25°C,
VEE = GND,
VO = OPEN
ICCH (IF = 12 mA)
ICCL (IF = 0 mA)
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com