Electronic Components Datasheet Search
  English  ▼

X  

PS9505-AX Datasheet(PDF) 21 Page - California Eastern Labs

Part # PS9505-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9505-AX Datasheet(HTML) 21 Page - California Eastern Labs

Back Button PS9505-AX Datasheet HTML 14Page - California Eastern Labs PS9505-AX Datasheet HTML 15Page - California Eastern Labs PS9505-AX Datasheet HTML 16Page - California Eastern Labs PS9505-AX Datasheet HTML 17Page - California Eastern Labs PS9505-AX Datasheet HTML 18Page - California Eastern Labs PS9505-AX Datasheet HTML 19Page - California Eastern Labs PS9505-AX Datasheet HTML 20Page - California Eastern Labs PS9505-AX Datasheet HTML 21Page - California Eastern Labs PS9505-AX Datasheet HTML 22Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
All trademarks and registered trademarks are the property of their respective owners.
C - 1
Revision History
PS9505,PS9505L1,PS9505L2,PS9505L3 Data Sheet
Description
Rev.
Date
Page
Summary
0.01
May 12, 2010
−
First Edition issued
1.00
Jan 06, 2012
Throughout
Preliminary Data Sheet -> Data Sheet
Throughout
Safety standards approved
p.1
Addition of Pb-Free product
p.4
Modification of MARKING EXAMPLE
p.5
Addition of ORDERING INFORMATION
p.6
Modification of ELECTRICAL CHARACTERISTICS
p.7
Modification of SWITCHING CHARACTERISTICS
p.9
Modification of TEST CIRCUIT
pp.10 to 13
Addition of TYPICAL CHARACTERISTICS
p.16
Modification of RECOMMENDED MOUNT PAD DIMENSIONS
p.18
Modification of USAGE CAUTIONS 2. (2)
p.19
Addition of SPECIFICATION OF VDE MARKS LICENSE DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com