Electronic Components Datasheet Search
  English  ▼

X  

PS8501 Datasheet(PDF) 12 Page - California Eastern Labs

Part # PS8501
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8501 Datasheet(HTML) 12 Page - California Eastern Labs

Back Button PS8501 Datasheet HTML 8Page - California Eastern Labs PS8501 Datasheet HTML 9Page - California Eastern Labs PS8501 Datasheet HTML 10Page - California Eastern Labs PS8501 Datasheet HTML 11Page - California Eastern Labs PS8501 Datasheet HTML 12Page - California Eastern Labs PS8501 Datasheet HTML 13Page - California Eastern Labs PS8501 Datasheet HTML 14Page - California Eastern Labs PS8501 Datasheet HTML 15Page - California Eastern Labs PS8501 Datasheet HTML 16Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet PN10656EJ04V0DS
12
PS8501,PS8501L1,PS8501L2,PS8501L3
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260 C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220 C
60 seconds or less
• Time to preheat temperature from 120 to 180 C
120 30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 W t% is recommended.)
(2) Wave soldering
• Temperature
260 C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120 C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 W t% is recommended.)
(3) Soldering by soldering iron
• Peak temperature (lead part temperature)
350 C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 W t% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead.
(b) Please be sure that the temperature of the package would not be heated over 100 C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com