Electronic Components Datasheet Search
  English  ▼

X  

EL7242CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL7242CS
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7242CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL7242CS Datasheet HTML 1Page - Elantec Semiconductor EL7242CS Datasheet HTML 2Page - Elantec Semiconductor EL7242CS Datasheet HTML 3Page - Elantec Semiconductor EL7242CS Datasheet HTML 4Page - Elantec Semiconductor EL7242CS Datasheet HTML 5Page - Elantec Semiconductor EL7242CS Datasheet HTML 6Page - Elantec Semiconductor EL7242CS Datasheet HTML 7Page - Elantec Semiconductor EL7242CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL7242CEL7252C
Dual Input High Speed Dual Channel Power MOSFET Driver
AC Electrical Characteristics T
A
e
25 C V e 15V unless otherwise specified
Parameter
Description
Test
Min
Typ
Max
Test
Units
Conditions
Level
Switching Characteristics
tR
Rise Time
CL e 500 pF
10
IV
ns
CL e 1000 pF
20
tF
Fall Time
CL e 500 pF
10
IV
ns
CL e 1000 pF
20
tD-ON
Turn-On Delay Time
20
25
IV
ns
tD-OFF
Turn-Off Delay Time
20
25
IV
ns
Timing Table
7242 – 3
Standard Test Configuration
7242 – 4
Simplified Schematic
7242 – 5
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com