Electronic Components Datasheet Search
  English  ▼

X  

EL7243 Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL7243
Description  Dual Input, High Speed, Dual Channel CCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7243 Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL7243 Datasheet HTML 1Page - Elantec Semiconductor EL7243 Datasheet HTML 2Page - Elantec Semiconductor EL7243 Datasheet HTML 3Page - Elantec Semiconductor EL7243 Datasheet HTML 4Page - Elantec Semiconductor EL7243 Datasheet HTML 5Page - Elantec Semiconductor EL7243 Datasheet HTML 6Page - Elantec Semiconductor EL7243 Datasheet HTML 7Page - Elantec Semiconductor EL7243 Datasheet HTML 8Page - Elantec Semiconductor EL7243 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL7243C
Dual Input High Speed Dual Channel CCD Driver
Absolute Maximum Ratings
Supply (Va to Gnd)
165V
Input Pins
b
03V to a03V above V
a
Combined Peak Output Current
4A
Storage Temperature Range
b
65 Cto a150 C
Ambient Operating Temperature
b
40 Cto a85 C
Operating Junction Temperature
125 C
Power Dissipation
20-pin ‘‘Batwing’’ SOIC
1500 mW
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics T
A
e
25 C VDD e 15V unless otherwise specified
Parameter
Description
Test
Min
Typ
Max
Test
Units
Conditions
Level
Input
VIH
Logic ‘‘1’’ Input Voltage
24
I
V
IIH
Logic ‘‘1’’ Input Current
VDD
01
10
I
mA
VIL
Logic ‘‘0’’ Input Voltage
08
I
V
IIL
Logic ‘‘0’’ Input Current
0V
01
10
I
mA
VHVS
Input Hysteresis
03
V
V
Output
ROH
Pull-Up Resistance
IOUT eb100 mA
3
6
I
X
ROL
Pull-Down Resistance
IOUT ea100 mA
4
6
I
X
IPK
Peak Output Current
Source
2
IV
A
Sink
2
IDC
Continuous Output Current
SourceSink
200
I
mA
Power Supply
IS
Power Supply Current
Inputs High
1
25
I
mA
VS
Operating Voltage
45
16
I
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com