Electronic Components Datasheet Search
  English  ▼

X  

FSU05A40 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FSU05A40
Description  FRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FSU05A40 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FSU05A40 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
109
■定格・特性曲線
FORWARD CURRENT VS. VOLTAGE
FSU05A40
0
0.5
1.0
1.5
2.0
2.5
3.0
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
50
Tj=25 C
Tj=150 C
FORWARD CURRENT VS. VOLTAGE
FSU05A40
0
0.5
1.0
1.5
2.0
2.5
3.0
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
50
Tj=25˚C
Tj=150˚C
順 電 圧 特 性
瞬
時
順
電
流
(A)
瞬 時 順 電 圧 (V)
FIG.1
SURGE CURRENT RATINGS
FSU05A40
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
20
40
60
80
0.02s
IFSM
サ ー ジ 順 電 流 定 格
時 間 (s)
サ
|
ジ
順
電
流
(A)
FIG.4
AVERAGE FORWARD POWER DISSIPATION
02
468
AVERAGE FORWARD CURRENT (A)
0
2
4
6
8
10
12
FSU05A40
018
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180
RECT 120
RECT 60
AVERAGE FORWARD POWER DISSIPATION
02
468
AVERAGE FORWARD CURRENT (A)
0
2
4
6
8
10
12
FSU05A40
0
˚
180
˚
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180
˚
RECT 120
˚
RECT 60
˚
平 均 順 電 力 損 失 特 性
平
均
順
電
力
損
失
(W)
平 均 順 電 流 (A)
θ
FIG.2
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
FSU05A40
0
25
50
75
100
125
150
CASE TEMPERATURE ( ˚C)
0
2
4
6
8
0
˚
180
˚
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180
˚
RECT 120
˚
RECT 60
˚
平 均 順 電 流 − ケ ー ス 温 度 定 格
ケ ー ス 温 度 (℃)
平
均
順
電
流
(A)
θ
FIG.3
5A Avg.
Volts
FRED
■OUTLINE DRAWING(mm)
109
■APPROX. NET WEIGHT:1.7g
400
FSU05A40
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
I O
Tc=111℃
5
実効順電流
R.M.S. Forward Current
I F(RMS)
7.85
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
締付トルク
Mounting torque
F tor
推奨値
Recommended Value
サージ順電流
Surge Forward Current
I FSM
80
50Hz正弦半波,1サイクル,非くり返し 
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
A
℃
N・m
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
℃
0.5
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
400
V
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/ Thermal Characteristics
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM
−
逆回復時間
Reverse Recovery Time
IFM=5A, −di/dt=50 A/μs, Tj=25℃
−
Typ.
Max.
Unit
−
30
μA
22
32
ns
Symbol
I RM
trr
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=5A
−
1.34
1.53
V
R th(j-c)
接合部・ケース間
Junction to Case
−
−
5
℃/W
熱抵抗
Thermal Resistance
R th(c-f)
ケース・フィン間
Case to Fin
−
−
1.5
℃/W


Similar Part No. - FSU05A40

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FSU05A40 KSS-FSU05A40 Datasheet
668Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
FSU05A40 NI-FSU05A40_15 Datasheet
102Kb / 1P
FRED
More results

Similar Description - FSU05A40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
20NFB60 NIEC-20NFB60 Datasheet
328Kb / 1P
FRED
30PFB60 NIEC-30PFB60 Datasheet
250Kb / 1P
FRED
EC10UA40 NIEC-EC10UA40 Datasheet
187Kb / 1P
FRED
ECF06B60 NIEC-ECF06B60 Datasheet
207Kb / 1P
FRED
ECF06B60-F NIEC-ECF06B60-F Datasheet
213Kb / 1P
FRED
ECU06A20 NIEC-ECU06A20 Datasheet
205Kb / 1P
FRED
ECU06A40 NIEC-ECU06A40 Datasheet
206Kb / 1P
FRED
FCU20B60 NIEC-FCU20B60 Datasheet
113Kb / 1P
FRED
FCU20UC30 NIEC-FCU20UC30 Datasheet
225Kb / 1P
FRED
FRU20UC30 NIEC-FRU20UC30 Datasheet
270Kb / 1P
FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com