Electronic Components Datasheet Search
  English  ▼

X  

FMMT560TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT560TA
Description  500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT560TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT560TA Datasheet HTML 1Page - Diodes Incorporated FMMT560TA Datasheet HTML 2Page - Diodes Incorporated FMMT560TA Datasheet HTML 3Page - Diodes Incorporated FMMT560TA Datasheet HTML 4Page - Diodes Incorporated FMMT560TA Datasheet HTML 5Page - Diodes Incorporated FMMT560TA Datasheet HTML 6Page - Diodes Incorporated FMMT560TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT560
Document Number: DS33102 Rev. 6 - 2
1 of 7
www.diodes.com
March 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT560
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Features
BVCEO > -500V
IC = -150mA high Continuous Collector Current
ICM Up to 500mA Peak Pulse Current
Excellent hFE Characteristics up to IC = 100mA
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT560TA
AEC-Q101
560
7
8
3,000
FMMT560TC
AEC-Q101
560
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
560 = Product Type Marking Code
C
E
B
Top View
SOT23
Device Symbol
Top View
Pin-Out
560


Similar Part No. - FMMT560TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT560TA DIODES-FMMT560TA Datasheet
486Kb / 4P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
May 2009
FMMT560TA DIODES-FMMT560TA Datasheet
833Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
More results

Similar Description - FMMT560TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT593 DIODES-FMMT593_13 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT560 DIODES-FMMT560_15 Datasheet
478Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FMMT560Q DIODES-FMMT560Q_15 Datasheet
479Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 1
FMMT593 DIODES-FMMT593_15 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMT560Q DIODES-FMMT560Q Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com