Electronic Components Datasheet Search
  English  ▼

X  

GDB06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GDB06
Description  Dip Switches ?쏣nd to End Stackable Through Hole and Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GDB06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GDB06 Datasheet HTML 1Page - List of Unclassifed Manufacturers GDB06 Datasheet HTML 2Page - List of Unclassifed Manufacturers GDB06 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A3
A
Thomas & Betts
8155 T&B Blvd.
Memphis, TN 38125
(901) 252-5000 FAX (901) 252-1380
Need more technical information?
Consult your Thomas & Betts
sales office listed on the back cover
GD Series
Dip Switches “End to End Stackable”
Through Hole and Surface Mount
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature
-30°C to +85°C
Storage Temperature
-45°C to +100°C
Solder Heat Resistance
See page M6-7
GDS08
PC Model
S Model
Poles
Length
Dim. M
GDS02
GDS02S
2
.194(4.94)
.100 (2.54)
GDS04
GDS04S
4
.394(10.02)
.300(7.62)
GDS06
GDS06S
6
.594(15.10)
.500(12.7)
GDS08
GDS08S
8
.794(20.18)
.700(17.78)
GDS10
GDS10S
10
.994(25.26)
.900(22.86)
FEATURES:
• Conventional gold wiping contact system
• Available in PC and surface mount configurations
• Traditional tape seal standard
• 95% Minimum solder coverage (90/10 tin lead)
• Withstands wave soldering temperature of 245°C for 3-5 seconds
• Heat deflection temperature of 260°C for surface mount compatibility
• End stackable (GDS version)
• Auto-insertable (GDS and GDB version)
• Vacuum pick and place compatible (GDS, GDB and GDH)
• Half pitch .050” terminal spacing (GDH version)
• Available in optional tape & reel packaging
MATERIAL SPECIFICATIONS:
Moving Contact
Gold over nickel over copper alloy
Fixed Contact
Gold over copper alloy
Base Material
PPS UL94V-0
Cover Material
PPS UL94V-0
Actuator Material
High temperature polyester/polyamide
Terminal
Tin lead plated over nickel over
copper alloy
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating
0.4 VA 25ma @ 24 VDC
Initial Contact Resistance
100 Milliohms max.
Insulation Resistance
100 Megohms min. @ 250 VDC
Dielectric Strength
300 VAC
Life Expectancy
1,000 Cycles
Operating Force
60-600 Grams
GDS
Low Profile Slide Actuator
PC
S
PC
S
LENGTH
.024
(0.60)
.047
(1.20)
ON
18
.047
(1.20)
.024
(0.60)
.100
(2.54)
.106
(2.70)
.169
(4.30)
.232
(5.90)
.244
(6.20)
.228
(5.80)
.010
(0.25)
.335
(8.50)
.240
(6.10)
MAX.
.100
(2.54)
.100
(2.54)
TYP.
.300
(7.60)
DIM. M
.325
(8.26)
.060
(1.52)
MIN.
.409
(10.39)
MIN.
.004/.012
(0.10/0.30)
.015
(0.40)
.024
±.004
(0.61)
±(0.10)
TYP.
.047
(1.20)
.106
(2.70)
.047
±.008
(1.20)
±(0.20)
TYP.
.100
(2.54)
TYP.
.035
±.008
(0.89) (
±0.20)
.232
(5.89)
.228
(5.79)
.366
±.020
(9.30) (
±0.51)
L
ø.031
(0.80)
TYP.
End to End Stackable!
See pages M2-M4 for application specific indexing.


Similar Part No. - GDB06

ManufacturerPart #DatasheetDescription
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
Global Distribution Blocks
logo
Eaton All Rights Reserv...
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
logo
Good Will Instrument Co...
GDB-02 GWINSTEK-GDB-02 Datasheet
184Kb / 1P
OSCILLOSCOPE EDUCATION AND TRAINING KIT
GDB-03 GWINSTEK-GDB-03 Datasheet
1Mb / 1P
Oscilloscope Education And Training Kit
logo
Eaton All Rights Reserv...
GDB-1.25A EATON-GDB-1.25A Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
More results

Similar Description - GDB06

ManufacturerPart #DatasheetDescription
logo
GREATECS
DX5 GREATECS-DX5 Datasheet
306Kb / 5P
End Stackable DIP Switches
logo
Tyco Electronics
2-1437584-1 MACOM-2-1437584-1 Datasheet
116Kb / 2P
Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
2-1437586-5 MACOM-2-1437586-5 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-8 MACOM-2-1437586-8 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-3 MACOM-2-1437587-3 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437590-1 MACOM-2-1437590-1 Datasheet
74Kb / 3P
Dip Switches End to End Stackable Through Hole and Surface Mount
2-1437590-4 MACOM-2-1437590-4 Datasheet
74Kb / 3P
Dip Switches ?쏣nd to End Stackable??Through Hole and Surface Mount
2-1437590-8 MACOM-2-1437590-8 Datasheet
74Kb / 3P
Dip Switches ?쏣nd to End Stackable??Through Hole and Surface Mount
2-435166-9 MACOM-2-435166-9 Datasheet
6Mb / 326P
DIP Switches, Recessed Rocker, Through Hole and Surface Mount
DRD-E MACOM-DRD-E Datasheet
116Kb / 2P
Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com