Electronic Components Datasheet Search
  English  ▼

X  

EL7564CRE Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL7564CRE
Description  Monolithic 4 Amp DC:DC Step-down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7564CRE Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL7564CRE Datasheet HTML 1Page - Elantec Semiconductor EL7564CRE Datasheet HTML 2Page - Elantec Semiconductor EL7564CRE Datasheet HTML 3Page - Elantec Semiconductor EL7564CRE Datasheet HTML 4Page - Elantec Semiconductor EL7564CRE Datasheet HTML 5Page - Elantec Semiconductor EL7564CRE Datasheet HTML 6Page - Elantec Semiconductor EL7564CRE Datasheet HTML 7Page - Elantec Semiconductor EL7564CRE Datasheet HTML 8Page - Elantec Semiconductor EL7564CRE Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
EL7564C
Monolithic 4 Amp DC:DC Step-down Regulator
Absolute Maximum Ratings (T
A = 25°C)
Supply Voltage between VIN or VDD and GND
+6V
VLX Voltage
VIN +0.3V
Input Voltage
GND -0.3V, VDD +0.3V
VHI Voltage
GND -0.3V, VLX +6V
Storage Temperature
-65°C to +150°C
Operating Ambient Temperature
-40°C to +85°C
Operating Junction Temperature
+135°C
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
DC Characteristics
VDD = VIN = 5V, TA = TJ = 25°C, COSC = 1.2nF, unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
VREF
Reference Accuracy
1.24
1.26
1.28
V
VREFTC
Reference Temperature Coefficient
50
ppm/°C
VREFLOAD
Reference Load Regulation
0<IREF<50µA
-1
%
VRAMP
Oscillator Ramp Amplitude
1.15
V
IOSC_CHG
Oscillator Charge Current
0.1V<VOSC<1.25V
200
µA
IOSC_DIS
Oscillator Discharge Current
0.1V<VOSC<1.25V
8
mA
IVDD+VDRV
VDD+VDRV Supply Current
VEN = 4V, FOSC = 120kHz
2
3.5
5
mA
IVDD_OFF
VDD Standby Current
EN = 0
1
1.5
mA
VDD_OFF
VDD for Shutdown
3.5
3.9
V
VDD_ON
VDD for Startup
4
4.35
V
TOT
Over Temperature Threshold
135
°C
THYS
Over Temperature Hysteresis
20
°C
ILEAK
Internal FET Leakage Current
EN = 0, LX = 5V (low FET), LX = 0V (high FET)
10
µA
ILMAX
Peak Current Limit
5
A
RDSON
FET On Resistance
Wafer level test only
30
60
m
Ω
RDSONTC
RDSON Tempco
0.2
m
Ω/°C
ISTP
Auxilliary Supply Tracking Positive Input
Pull Down Current
VSTP = VIN/2
-4
2.5
µA
ISTN
Auxilliary Supply Tracking Negative Input
Pull Up Current
VSTN = VIN/2
2.5
4
µA
VPGP
Positive Power Good Threshold
With respect to target output voltage
6
14
%
VPGN
Negative Power Good Threshold
With respect to target output voltage
-14
-6
%
VPG_HI
Power Good Drive High
IPG = 1mA
4
V
VPG_LO
Power Good Drive Low
IPG = -1mA
0.5
V
VOVP
Over Voltage Protection
10
%
VFB
Output Initial Accuracy
ILOAD = 0A
0.960
0.975
0.99
V
VFB_LINE
Output Line Regulation
VIN = 5V, ∆VIN = 10%, ILOAD = 0A
0.5
%
VFB_LOAD
Output Load Regulation
0.5A< ILOAD <4A
0.5
%
VFB_TC
Output Temperature Stability
-40°C < TA<85°C, ILOAD = 2A
±1
%
IFB
Feedback Input Pull Up Current
VFB = 0V
100
200
nA
VEN_HI
EN Input High Level
3.2
4
V
VEN_LO
EN Input Low Level
1
V
IEN
Enable Pull Up Current
VEN = 0
-4
-2.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com