Electronic Components Datasheet Search
  English  ▼

X  

Z86743 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86743
Description  PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86743 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86743 Datasheet HTML 1Page - Zilog, Inc. Z86743 Datasheet HTML 2Page - Zilog, Inc. Z86743 Datasheet HTML 3Page - Zilog, Inc. Z86743 Datasheet HTML 4Page - Zilog, Inc. Z86743 Datasheet HTML 5Page - Zilog, Inc. Z86743 Datasheet HTML 6Page - Zilog, Inc. Z86743 Datasheet HTML 7Page - Zilog, Inc. Z86743 Datasheet HTML 8Page - Zilog, Inc. Z86743 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Z86E33/733/E34/E43/743/E44
Zilog
CMOS Z8® OTP Microcontrollers
CP97DZ83300
P R E L I M I N A R Y
3
1
PIN IDENTIFICATION
Figure 2. 40-Pin DIP Pin Configuration
Standard Mode
R//W
P25
P26
P27
P04
P05
P06
P14
P15
P07
VCC
P16
P17
XTAL2
XTAL1
P31
P32
P33
P34
/AS
/DS
P24
P23
P22
P21
P20
P03
P13
P12
GND
P02
P11
P10
P01
P00
P30
P36
P37
P35
/RESET
40
DIP
1
20
21
Table 1. 40-Pin DIP Pin Identification
Standard Mode
Pin #
Symbol
Function
Direction
1
R//W
Read/Write
Output
2-4
P25-P27
Port 2, Pins 5,6,7 In/Output
5-7
P04-P06
Port 0, Pins 4,5,6 In/Output
8-9
P14-P15
Port 1, Pins 4,5
In/Output
10
P07
Port 0, Pin 7
In/Output
11
VCC
Power Supply
12-13
P16-P17
Port 1, Pins 6,7
In/Output
14
XTAL2
Crystal Oscillator Output
15
XTAL1
Crystal Oscillator Input
16-18
P31-P33
Port 3, Pins 1,2,3 Input
19
P34
Port 3, Pin 4
Output
20
/AS
Address Strobe
Output
21
/RESET
Reset
Input
22
P35
Port 3, Pin 5
Output
23
P37
Port 3, Pin 7
Output
24
P36
Port 3, Pin 6
Output
25
P30
Port 3, Pin 0
Input
26-27
P00-P01
Port 0, Pins 0,1
In/Output
28-29
P10-P11
Port 1, Pins 0,1
In/Output
30
P02
Port 0, Pin 2
In/Output
31
GND
Ground
32-33
P12-P13
Port 1, Pins 2,3
In/Output
34
P03
Port 0, Pin 3
In/Output
35-39
P20-P24
Port 2, Pins
0,1,2,3,4
In/Output
40
DS
Data Strobe
Output
Notes:
Pin Configuration and Identification identical on DIP
and Cerdip Window Lid style packages.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com