Electronic Components Datasheet Search
  English  ▼

X  

ZICM357SP2-1C-R Datasheet(PDF) 8 Page - California Eastern Labs

Part # ZICM357SP2-1C-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP2-1C-R Datasheet(HTML) 8 Page - California Eastern Labs

Back Button ZICM357SP2-1C-R Datasheet HTML 4Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 5Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 6Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 9Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
EM357 Mini Modules
Page 8
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
MESHCONNECT I/O PIN ASSIGNMENTS (Continued)
CEL MeshConnect
ZICM357SPx Module
Pin Number
Ember EM357
IC Pin Number
Name
Notes
19
30
PB1
Digital I/O
SC1MISO - SPI slave data out of Serial Controller 1
SC1MOSI - SPI master data out of Serial Controller 1
SC1SDA - TWI data of Serial Controller 1
SC1TXD - UART transmit data of Serial Controller 1
TIM2C1 - Timer 2 channel 1 input/output
20
31
PB2
Digital I/O
SC1MISO - SPI master data in of Serial Controller 1
SC1MOSI - SPI slave data in of Serial Controller 1
SC1SCL - TWI clock of Serial Controller 1
SC1RXD - UART receive data of Serial Controller 1
TIM2C2 - Timer 2 channel 2 input/output
21
32
JTCK
JTAG clock input from debugger
SWCLK - Serial Wire clock input/output with debugger
22
33
PC2
Digital I/O
JTD0 - JTAG data out to debugger
SWO - Serial Wire Output asynchronous trace output to debugger
23
34
PC3
Digital I/O
JTDI - JTAG data in from debugger
24
35
PC4
Digital I/O
JTMS - JTAG mode select from debugger
SWDIO - Serial Wire bidirectional data to/from debugger
25
36
PB0
Digital I/O
VREF - ADC reference input/output
IRQA - External interrupt source A
TRACECLK - Synchronous CPU trace clock
TIM1CLK - Timer 1 external clock input
TIM2MSK - Timer 2 external clock mask input
26
38
PC1
Digital I/O
ADC3 - ADC Input 3
SWO - Serial Wire Output asynchronous trace output to debugger
TRACEDATA0 - Synchronous CPU trace data bit 0
27
40
PC0
Digital I/O
JRST - JTAG reset input from debugger
IRQD - Default external interrupt source D
TRACEDATA1 - Synchronous CPU trace data bit 1
28
41
PB7
Digital I/O
ADC2 - ADC Input 2
IRQC - Default external interrupt source C
TIM1C2 - Timer 1 channel 2 input/output
29
42
PB6
Digital I/O
ADC1 - ADC Input 1
IRQB - External interrupt source B
TIM1C1 - Timer 1 channel 1 input/output
30
43
PB5
Digital I/O
ADC0 - ADC Input 0
TIM2CLK - Timer 2 external clock input
TIM1MSK - Timer 1 external clock mask input
32
NC
RF Out
Castellation Pin for external Antenna
Note: PC5 Applies only to the ZICM357SP0; PC5 is a NC on the ZICM357SP2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com