Electronic Components Datasheet Search
  English  ▼

X  

PC123B Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC123B
Description  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123B Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC123B Datasheet HTML 4Page - Sharp Corporation PC123B Datasheet HTML 5Page - Sharp Corporation PC123B Datasheet HTML 6Page - Sharp Corporation PC123B Datasheet HTML 7Page - Sharp Corporation PC123B Datasheet HTML 8Page - Sharp Corporation PC123B Datasheet HTML 9Page - Sharp Corporation PC123B Datasheet HTML 10Page - Sharp Corporation PC123B Datasheet HTML 11Page - Sharp Corporation PC123B Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Sheet No.: D2-A02902EN
Ambient temperature Ta (˚C)
−30
0
20
40
60
80
100
10−
11
5
10−
10
5
10−
9
5
10−
8
5
10−
7
5
10−
6
5
10−
5
VCE
=50V
Fig.11 Collector Dark Current vs. Ambient
Temperature
0.01
0.1
1
10
100
0.1
1
10
100
VCE
=2V
IC
=2mA
Ta
=25˚C
tr
tf
td
ts
1 000
Load resistance (k
Ω)
Fig.12 Response Time vs. Load Resistance
50
0
100
150
025
50
75
100
−30
IF
=5mA
VCE
=5V
Ambient temperature Ta (˚C)
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature Ta (˚C)
−30
0
20
406080
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
IF
=20mA
IC
=1mA
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
8
Forward current IF (mA)
0.1
1
10
100
0
50
100
150
200
250
300
VCE
=5V
Ta
=25˚C
Fig.7 Current Transfer Ratio vs. Forward
Current
Collector-emitter voltage VCE (V)
0123456789
10
0
6
12
18
24
30
36
42
48
54
60
Ta
=25˚C
I F=
30mA
IF=
20mA
IF
=10mA
IF
=5mA
PC (MAX.)
Fig.8 Collector Current vs. Collector-emitter
Voltage
PC123 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com