Electronic Components Datasheet Search
  English  ▼

X  

SR102 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SR102
Description  High Current Capability and Low Forward Drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SR102 Datasheet(HTML) 2 Page - Diodes Incorporated

  SR102 Datasheet HTML 1Page - Diodes Incorporated SR102 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS23002 Rev. 5 - 3
2 of 2
SR102-SR106
0
0.25
0.5
0.75
1.0
20
40
60
80
100
120
140
T , LEAD TEMPERATURE (°C)
L
Fig. 1, Forward Current Derating Curve
SR105
SR106
SR102
SR103
SR104
0
5
10
15
20
25
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4, Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (VOLTS)
R
Fig. 3, Typical Total Capacitance
T= 25°C
J
SR102
SR103
SR104
SR105
SR106
0.01
0.1
1.0
4.0
0.1
0.4
0.6
0.8
1.0
0.2
V INSTANTANEOUS FWD VOLTAGE (VOLTS)
F,
Fig.2, Typical Forward Characteristics
SR102
SR103
TJ = 25°C
Pulse Width = 300µs
2% Duty Cycle
SR104
SR105
SR106
NOT RECOMMENDED FOR NEW DESIGN,
USE SB1X0 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com