Electronic Components Datasheet Search
  English  ▼

X  

SST503 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SST503
Description  Current Regulator Diodes—POV(min) 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST503 Datasheet(HTML) 1 Page - Vishay Siliconix

  SST503 Datasheet HTML 1Page - Vishay Siliconix SST503 Datasheet HTML 2Page - Vishay Siliconix SST503 Datasheet HTML 3Page - Vishay Siliconix SST503 Datasheet HTML 4Page - Vishay Siliconix SST503 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SST502 Series
Vishay Siliconix
Document Number: 70711
S-04234—Rev. C, 02-Jul-01
www.vishay.com
3-1
Current Regulator Diodes—POV(min) 45 V
SST502
SST504
SST506
SST508
SST510
SST503
SST505
SST507
SST509
SST511
PRODUCT SUMMARY
Part
Typ I
Part
Typ I
Part
Number
Typ IF
(mA)
Marking
Part
Number
Typ IF
(mA)
Marking
SST502
0.43
L2
SST507
1.80
L7
SST503
0.56
L3
SST508
2.40
L8
SST504
0.75
L4
SST509
3.00
L9
SST505
1.00
L5
SST510
3.60
L0
SST506
1.40
L6
SST511
4.70
L1
FEATURES
BENEFITS
APPLICATIONS
D Surface-Mount Package
D Guaranteed "20% Tolerance
D Operation from 1 V (SST502, 3)
to 45 V
D Good Temperature Stability
D Simple Series Circuitry, No Separate Voltage Source
D Tight Guaranteed Circuit Performance
D Excellent Performance in Low-Voltage/Battery
Circuits and High-Voltage Spike Protection
D High Circuit Stability vs. Temperature
D Constant-Current Supply
D Current-Limiting
D Timing Circuits
DESCRIPTION
The SST502 series is a family of
"20% range current
regulators designed for demanding applications in test
equipment and instrumentation. These devices utilize the
JFET techniques to produce a device which is extremely
simple to operate.
With nominal current ranges from 0.43 mA to 4.7 mA, the
SST502 series will meet a wide array of design requirements.
The low-cost TO-236 surface-mount package ensures a
cost-effective design solution.
SCHEMATIC DIAGRAM
APPLICATIONS
C
A
1
2
V+
Current
Source
V–
Current
Sink
V+
Out
Linear Ramp Generator
Anode
*
Cathode
Top View
2
3
TO-236
(SOT-23)
1
*Short lead #2 to Cathode (lead #3)
via circuit board trace.


Similar Part No. - SST503

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST503 CALOGIC-SST503 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Linear Integrated Syste...
SST503 LINEAR-SST503 Datasheet
216Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
SST503 VISHAY-SST503 Datasheet
61Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST503 VISHAY-SST503 Datasheet
43Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
logo
Micross Components
SST503 MICROSS-SST503 Datasheet
324Kb / 1P
Linear Systems replaces discontinued Siliconix SST503
More results

Similar Description - SST503

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
CURRENT REGULATOR DIODES
logo
Vishay Siliconix
SST502 VISHAY-SST502 Datasheet
61Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
logo
Microsemi Corporation
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Vishay Siliconix
SST505-T1 VISHAY-SST505-T1 Datasheet
43Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com