Electronic Components Datasheet Search
  English  ▼

X  

STB38N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB38N65M5
Description  N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB38N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB38N65M5 Datasheet HTML 6Page - STMicroelectronics STB38N65M5 Datasheet HTML 7Page - STMicroelectronics STB38N65M5 Datasheet HTML 8Page - STMicroelectronics STB38N65M5 Datasheet HTML 9Page - STMicroelectronics STB38N65M5 Datasheet HTML 10Page - STMicroelectronics STB38N65M5 Datasheet HTML 11Page - STMicroelectronics STB38N65M5 Datasheet HTML 12Page - STMicroelectronics STB38N65M5 Datasheet HTML 13Page - STMicroelectronics STB38N65M5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Test circuits
STB38N65M5, STF38N65M5, STP38N65M5, STW38N65M5
10/22
DocID022851 Rev 3
3
Test circuits
Figure 19. Switching times test circuit for
resistive load
Figure 20. Gate charge test circuit
Figure 21. Test circuit for inductive load
switching and diode recovery times
Figure 22. Unclamped inductive load test circuit
Figure 23. Unclamped inductive waveform
Figure 24. Switching time waveform
AM05540v1
Inductive Load Turn -off
Id
Vgs
Vds
90%Vds
10%Id
90%Vgs
on
td(v)
tc(off)
10%Vds
90%Id
Vgs(I(t))
on
tf(i)
tr(v)
))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com