Electronic Components Datasheet Search
  English  ▼

X  

SST4416 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST4416
Description  N-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST4416 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST4416 Datasheet HTML 1Page - Vishay Siliconix SST4416 Datasheet HTML 2Page - Vishay Siliconix SST4416 Datasheet HTML 3Page - Vishay Siliconix SST4416 Datasheet HTML 4Page - Vishay Siliconix SST4416 Datasheet HTML 5Page - Vishay Siliconix SST4416 Datasheet HTML 6Page - Vishay Siliconix SST4416 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N4416/2N4416A/SST4416
Vishay Siliconix
Document Number: 70242
S-04028—Rev. F, 04-Jun-01
www.vishay.com
7-3
HIGHFREQUENCY SPECIFICATIONS FOR 2N4416/2N4416A (TA = 25_C UNLESS NOTED)
Limits
100 MHz
400 MHz
Parameter
Symbol
Test Conditions
Min
Max
Min
Max
Unit
Common Source Input Conductance
giss
100
1,000
Common Source Input Susceptance
biss
2,500
10,000
Common Source Output Conductance
goss
VDS = 15 V, VGS = 0 V
75
100
mS
Common Source Output Susceptance
boss
DS
GS
1,000
4,000
m
Common Source Forward Transconductance
gfs
4,000
Common-Source Power Gain
Gps
VDS = 15 V, ID = 5 mA
18
10
Noise Figure
NF
RG = 1 kW
2
4
dB
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NH
b.
Pulse test: PW
v300 ms duty cycle v3%.
c.
This parameter not registered with JEDEC.
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
rDS
gos
rDS @ ID = 1 mA, VGS = 0 V
gos @ VDS = 10 V, VGS = 0 V
f = 1 kHz
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
IDSS
gfs
IDSS @ VDS = 10 V, VGS = 0 V
gfs @ VDS = 10 V, VGS = 0 V
f = 1 kHz
VGS(off) – Gate-Source Cutoff Voltage (V)
10
8
0
6
4
2
20
0
16
12
8
4
0
–10
–2
–4
–6
–8
100
80
0
60
40
20
500
0
400
300
200
100
0
–10
–2
–4
–6
–8
VDS – Drain-Source Voltage (V)
VDS – Drain-Source Voltage (V)
Output Characteristics
Output Characteristics
10
0
8
6
4
2
010
24
6
8
15
0
12
9
6
3
010
24
6
8
VGS(off) = –2 V
VGS(off) = –3 V
–0.2 V
–0.4 V
–0.6 V
–0.8 V
–1.2 V
–1.0 V
VGS = 0 V
–0.6 V
–0.9 V
–1.2 V
–1.5 V
–1.8 V
VGS = 0 V
–0.3 V
VGS(off) – Gate-Source Cutoff Voltage (V)
–1.4 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com