Electronic Components Datasheet Search
  English  ▼

X  

AS353R030 Datasheet(PDF) 2 Page - AMETHERM Circuit Protection Thermistors

Part # AS353R030
Description  I N R U S H C U R R E N T L I M I T E R S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AS353R030 Datasheet(HTML) 2 Page - AMETHERM Circuit Protection Thermistors

  AS353R030 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors AS353R030 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors AS353R030 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Key Benefits of Ametherm AS Inrush Current Limiters
• Lower current density (as compared to traditional types of inrush current limiters)
• Faster reset time
• No hot spots from fatigue, because of lower current density and uniform temperature
gradient throughout the disc
• Wider temperature range of operation with out de-rating
D
A
L
S
B
T
C
PAD LAYOUT
Y
X
T: 800-808-2434
775-884-2434
(Outside the US and Canada)
F: 775-884-0670
www.ametherm.com
info@ametherm.com
3111 N. Deer Run Road
Carson City, Nevada
89701 USA
R@25ºC
( )
MAX I
(A)
HOT R
( )
MAX ENERGY
(JOULES)
Max Cap
@680VAC
Cooldown
time (sec)
R -T
curve
DC
mW/ºC
Body Temp @
Max SSI (ºC)
0.50
30
0.011
300
650
120
A
78.20
199
0.50
36
0.009
300
650
120
A
78.20
199
2.0
25
0.020
300
650
120
C
78.20
220
5.0
20
0.027
300
650
120
G
78.20
255
10.0
15
0.052
250
500
120
H
85.20
185
20.0
10
0.095
250
500
120
I
58.00
192
50.0
6
0.380
250
540
120
M
78.20
212
0.50
50
0.0074
800
1730
200
A
129.44
210
1.0
40
0.0113
800
1730
200
B
127.00
212
2.0
35
0.0147
700
1500
200
C
119.20
210
3.0
30
0.0135
600
1300
200
C
116.40
215
5.0
25
0.0288
600
1300
200
G
112.2
208
10.0
18
0.0556
500
1080
200
I
122.80
220
20.0
10
0.1760
500
1080
200
M
101.10
177
*AS32 0R530
*AS32 0R536
AS32 2R025
AS32 5R020
AS32 10015
AS32 20010
AS32 50006
AS35 0R550
AS35 1R040
AS35 2R035
AS35 3R030
AS35 5R025
AS35 10018
AS35 20010
ELECTRICAL SPECIFICATIONS
Part
Number
1.0
30
0.013
300
650
120
B
79.40
215
1.0
36
0.010
300
650
120
B
79.40
215
*AS32 1R030
*AS32 1R036
D
(mm)
T
(mm)
S
(mm)
L
(mm)
A
(mm)
B
(mm)
C
(mm)
X
(mm)
Y
(mm)
30.0
7.8
17.1
22.0
2.2
4.8
0.8
17.1
4.8
30.0
7.8
17.1
22.0
2.2
4.8
0.8
17.1
4.8
30.0
7.8
17.1
22.0
2.2
4.8
0.8
17.1
4.8
30.0
8.2
17.1
22.0
2.2
5.4
0.8
17.1
5.4
30.0
9.0
17.1
22.0
2.2
6.8
0.8
17.1
6.8
30.0
8.5
17.1
22.0
2.2
6.4
0.8
17.1
6.4
30.0
8.2
17.1
22.0
2.2
5.4
0.8
17.1
5.4
36.0
6.4
19.0
22.0
2.2
3.4
0.8
19.0
3.4
36.0
8.5
19.0
22.0
2.2
5.5
0.8
19.0
5.5
36.0
8.5
19.0
22.0
2.2
5.5
0.8
19.0
5.5
36.0
8.5
19.0
22.0
2.2
5.5
0.8
19.0
5.5
36.0
8.5
19.0
22.0
2.2
5.5
0.8
19.0
5.5
36.0
8.5
19.0
22.0
2.2
5.5
0.8
19.0
5.5
36.0
8.5
19.0
22.0
2.2
5.5
0.8
19.0
5.5
MECHANICAL SPECIFICATIONS
*(UL Approved)
30.0
7.8
17.1
22.0
2.2
4.8
0.8
17.1
4.8
30.0
7.8
17.1
22.0
2.2
4.8
0.8
17.1
4.8
*AS32 0R530
*AS32 0R536
AS32 2R025
AS32 5R020
AS32 10015
AS32 20010
AS32 50006
AS35 0R550
AS35 1R040
AS35 2R035
AS35 3R030
AS35 5R025
AS35 10018
AS35 20010
*AS32 1R030
*AS32 1R036
Part
Number
AS Series
INRUSH CURRENT LIMITERS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com