Electronic Components Datasheet Search
  English  ▼

X  

NHL080 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NHL080
Description  Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NHL080 Datasheet(HTML) 2 Page - Vishay Siliconix

  NHL080 Datasheet HTML 1Page - Vishay Siliconix NHL080 Datasheet HTML 2Page - Vishay Siliconix NHL080 Datasheet HTML 3Page - Vishay Siliconix NHL080 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL, NHL
www.vishay.com
Vishay Dale
Revision: 12-Mar-14
2
Document Number: 30208
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
(Includes Coating and Terminal Band)
Note
(1)
Brackets are available for mounting HL series resistors - see Mounting Hardware section.
TERMINAL DIMENSIONS
TERMINAL FINISH
“E” Finish - 100 % Sn coated steel. “Z” Finish - 60/40 SnPb
coated steel. “N” Finish - Nickel coated steel. Finish for
terminal style 14 and 15 limited to nickel plated steel (N).
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
A
(MAX.)
CORE DIMENSIONS
TERMINAL
SETBACK
± 0.31
[± 0.79]
DISTANCE
BETWEEN
TERMINALS
(REF.)
TERMINAL DESIGNATION
BRACKET
TYPES (1)
LENGTH
± 0.062
[± 1.59]
O.D.
I.D.
± 0.031
[± 0.79]
STANDARD
OPTIONAL
HL011
0.469
1.750
0.375
0.188
0.094
1.187
02
-
101, 204, 301
NHL011
[11.91]
[44.45]
[9.53]
[4.76]
[2.38]
HL012
0.406
1.750
0.313
0.188
0.094
1.187
05
14
101, 204, 301
NHL012
[10.32]
[44.45]
[7.94]
[4.76]
[2.38]
HL015
0.563
1.500
0.438
0.313
0.094
0.937
02
14
101, 203, 301
NHL015
[14.29]
[38.10]
[11.11]
[7.94]
[2.38)
HL020
0.563
2.000
0.438
0.313
0.094
1.437
02
14
101, 203, 301
NHL020
[14.29]
[50.8]
[11.11]
[7.94]
[2.38]
HL025
0.688
2.000
0.563
0.313
0.094
1.312
06
15
101, 203, 301
NHL025
[17.46]
[50.8]
[14.29]
[7.94]
[2.38]
HL026
0.563
3.000
0.438
0.313
0.094
2.437
02
14
101, 203, 301
NHL026
[14.29]
[76.2]
[11.11]
[7.94]
[2.38]
HL050
0.688
4.000
0.563
0.313
0.094
3.312
06
15
101, 203, 301
NHL050
[17.46]
[101.6]
[14.29]
[7.94]
[2.38]
HL051
0.906
3.500
0.750
0.500
0.125
2.75
06
15
102, 206, 303
NHL051
[23.02]
[88.9]
[19.05]
[12.70]
[3.18]
HL060
0.906
4.000
0.750
0.500
0.125
3.250
06
15
102, 206, 303
NHL060
[23.02]
[101.6]
[19.05]
[12.70]
[3.18]
HL065
0.906
4.500
0.750
0.500
0.125
3.750
06
15
102, 206, 303
NHL065
[23.02]
[114.3]
[19.05]
[12.70]
[3.18]
HL080
1.313
4.000
1.125
0.750
0.219
2.812
07
15
103, 205, 303
NHL080
[33.34]
[101.6]
[28.58]
[19.05]
[5.56]
HL100
0.906
6.500
0.750
0.500
0.125
5.750
06
15
102, 206, 303
NHL100
[23.02]
[165.1]
[19.05]
[12.70]
[3.18]
HL120
1.313
6.000
1.125
0.750
0.219
4.812
07
15
103, 205, 303
NHL120
[33.34]
[152.4]
[28.58]
[19.05]
[5.56]
HL130
1.313
6.500
1.125
0.750
0.219
5.312
07
15
103, 205, 303
NHL130
[33.34]
[165.1]
[28.58]
[19.05]
[5.56]
HL160
1.313
8.000
1.125
0.750
0.219
6.812
07
15
103, 205, 303
NHL160
[33.34]
[203.2]
[28.58]
[19.05]
[5.56]
HL175
1.313
8.500
1.125
0.750
0.219
7.312
07
15
103, 205, 303
NHL175
[33.34]
[215.9]
[28.58]
[19.05]
[5.56]
HL225
1.313
10.500
1.125
0.750
0.219
9.312
07
15
103, 205, 303
NHL225
[33.34]
[266.7]
[28.58]
[19.05]
[5.56]
A
O.D.
I.D.
LENGTH
TERMINAL SETBACK
D
Styles 14 and 15
B
A
C
B
D
C
A
Style 02
thru 07
DIMENSION
TERMINAL STYLE
02
05
06
07
14
15
A
0.188
0.188
0.250
0.375
0.188
0.250
[4.76]
[4.76]
[6.35]
[9.53]
[4.76]
[6.35]
B
0.406
0.438
0.563
0.625
0.563
0.594
[10.32] [11.11] [14.29] [15.88] [14.29] [15.08]
C
0.093
0.104
0.166
0.173
0.050
0.065
[2.36]
[2.64]
[4.22]
[4.39]
[1.27]
[1.65]
D
0.020
0.020
0.020
0.020
0.020
0.031
[0.51]
[0.51]
[0.51]
[0.51]
[0.51]
[0.79]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com