Electronic Components Datasheet Search
  English  ▼

X  

G2A0 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # G2A0
Description  Outside Dimension竊쉀nit (mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

G2A0 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  G2A0 Datasheet HTML 1Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
cosmo
Reed Relay
G2A051000
Features
Outside Dimension:Unit (mm)
1. Molded epoxy body.
2. Sealed construction permits automatic flow soldering
and cleaning.
3. High reliability relay.
4. Cost effective.
Schematic : Top View
1
2
3
4
7
6
(+)
(-)
Coil Ratings
(AT 20℃)
Parameter
Rating
Unit
Coil Resistance
250
Ω(±10%)
Nominal Coil Voltage
5
VDC
Maximum Continuous Voltage
10
VDC
Must Operate
3.5
VDC
Must Release
0.5
VDC
Rated Current
20
mA
Electrical Characteristics
Parameter
Rating
Unit
Contact Resistance
100
mΩ(max)
Operate Time
0.5
ms(max)
Bounce Time
0.5
ms(max)
Release Time
0.2
ms(max)
Insulation Resistance (100VDC)
1011
Ω(min)
Power
10
VA(max)
Switching Voltage
200
VDC(max)
Switching Current
0.5
A(max)
Carry Current
1.0
A(max)
Breakdown Voltage (Across Open Contact)
250
VDC(min)
(Between Coil & Contact)
1500
VDC(max)
Life Expectancy (Signal Level)
108
Operate Temp
-40~85
℃
Storage Temp
-50~125
℃
Resonant Frequency
3.5
KHz
Vibration (10~200Hz)
20
g(max)
Minimum Permissible Load
100
mVDC 10uA
○C 2005-2006 COSMO ELECTRONICS CORPORATION
http://www.cosmo-ic.com


Similar Part No. - G2A0

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
G2A0 COSMO-G2A0 Datasheet
131Kb / 1P
Outside Dimension竊쉀nit (mm)
G2A0 COSMO-G2A0 Datasheet
130Kb / 1P
Outside Dimension竊쉀nit (mm)
G2A0 COSMO-G2A0 Datasheet
130Kb / 1P
Outside Dimension竊쉀nit (mm)
G2A0 COSMO-G2A0 Datasheet
131Kb / 1P
Outside Dimension竊쉀nit (mm)
G2A0 COSMO-G2A0 Datasheet
130Kb / 1P
Outside Dimension竊쉀nit (mm)
More results

Similar Description - G2A0

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
G2A240000 COSMO-G2A240000 Datasheet
130Kb / 1P
Outside Dimension竊쉀nit (mm)
G2A090000 COSMO-G2A090000 Datasheet
131Kb / 1P
Outside Dimension竊쉀nit (mm)
G2A080000 COSMO-G2A080000 Datasheet
130Kb / 1P
Outside Dimension竊쉀nit (mm)
G2A031000 COSMO-G2A031000 Datasheet
130Kb / 1P
Outside Dimension竊쉀nit (mm)
G1A241000 COSMO-G1A241000 Datasheet
128Kb / 1P
Outside Dimension竊쉀nit (mm)
G1A240000 COSMO-G1A240000 Datasheet
136Kb / 1P
Outside Dimension竊쉀nit (mm)
G1A092000 COSMO-G1A092000 Datasheet
131Kb / 1P
Outside Dimension竊쉀nit (mm)
G1A082000 COSMO-G1A082000 Datasheet
131Kb / 1P
Outside Dimension竊쉀nit (mm)
G1A081000 COSMO-G1A081000 Datasheet
128Kb / 1P
Outside Dimension竊쉀nit (mm)
G1A061000 COSMO-G1A061000 Datasheet
128Kb / 1P
Outside Dimension竊쉀nit (mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com