Electronic Components Datasheet Search
  English  ▼

X  

DG417B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG417B
Description  Precision Monolithic Quad SPST CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417B Datasheet(HTML) 3 Page - Vishay Siliconix

  DG417B Datasheet HTML 1Page - Vishay Siliconix DG417B Datasheet HTML 2Page - Vishay Siliconix DG417B Datasheet HTML 3Page - Vishay Siliconix DG417B Datasheet HTML 4Page - Vishay Siliconix DG417B Datasheet HTML 5Page - Vishay Siliconix DG417B Datasheet HTML 6Page - Vishay Siliconix DG417B Datasheet HTML 7Page - Vishay Siliconix DG417B Datasheet HTML 8Page - Vishay Siliconix DG417B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document Number: 72107
S09-1261-Rev. D, 13-Jul-09
www.vishay.com
3
Vishay Siliconix
DG417B, DG418B, DG419B
SCHEMATIC DIAGRAM Typical Channel
Figure 1.
Level
Shift/
Drive
VIN
VL
S
V+
GND
V -
D
V -
V+
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = ± 12.5 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
15
25
34
25
29
Ω
Switch Off Leakage Current
IS(off)
V+ = 16.5, V- = - 16.5 V
VD = ± 15.5 V, VS = ± 15.5 V
Room
Full
- 0.1
- 0.25
- 20
0.25
20
- 0.25
- 5
0.25
5
nA
ID(off)
DG417B
DG418B
Room
Full
- 0.1
- 0.25
- 20
0.25
20
- 0.25
- 5
0.25
5
DG419B
Room
Full
- 0.1
- 0.75
- 60
0.75
60
- 0.75
- 12
0.75
12
Channel On Leakage Current
ID(on)
V+ = 16.5 V, V- = - 16.5 V
VS = VD = ± 15.5 V
DG417B
DG418B
Room
Full
- 0.4
- 0.4
- 40
0.4
40
- 0.4
- 10
0.4
10
DG419B
Room
Full
- 0.4
- 0.75
- 60
0.75
60
- 0.75
- 12
0.75
12
Digital Control
Input Current, VIN Low
IIL
Full
- 0.5
0.5
- 0.5
0.5
µA
Input Current, VIN High
IIH
Full
- 0.5
0.5
- 0.5
0.5
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = ± 10 V, See Switching
Time Test Circuit
DG417B
DG418B
Room
Full
62
89
106
89
99
ns
Turn-Off Time
tOFF
DG417B
DG418B
Room
Full
53
80
88
80
86
Transition Time
tTRANS
RL = 300 Ω, CL = 35 pF
VS1 = ± 10 V, VS2 = ± 10 V
DG419B
Room
Full
60
87
96
87
93
Break-Before-Make
Time Delay
tD
RL = 300 Ω, CL = 35 pF
VS1 = VS2 = ± 10 V
DG419B
Room
16
3
3
Charge Injection
Q
CL = 10 nF
Vgen = 0 V, Rgen = 0 Ω
Room
38
pC
Off Isolatione
OIRR
RL = 50 Ω, CL = 5 pF,
f = 1 MHz
Room
- 82
dB
Channel-to-Channel
Crosstalke
XTALK
DG419B
Room
- 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com