Electronic Components Datasheet Search
  English  ▼

X  

HT-191D Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # HT-191D
Description  Label Specifications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191D Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button HT-191D Datasheet HTML 17Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 18Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 19Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 20Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 21Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 22Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 23Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 24Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
24/25
Reliability
Item
Frequency/ lots/ samples/
failures
Standards
Reference
Conditions
Precondition
For all reliability
monitoring tests according
to JEDEC Level 2
J-STD-020
1.) Baking at 85°C for 24hrs
2.) Moisture storage at 85°C/ 60% R.H. for
168hrs
Solderability
1Q/ 1/ 22/ 0
JESD22-B102-B
And CNS-5068
Accelerated aging 155°C/ 24hrs
Tinning speed: 2.5+0.5cm/s
Tinning: A: 215°C/ 3+1s or B: 260°C/ 10+1s
Resistance to
soldering heat
CNS-5067
Dipping soldering terminal only
Soldering bath temperature
A: 260+/-5°C; 10+/-1s
B: 350+/-10°C; 3+/-0.5s
Operating life test
1Q/ 1/ 40/ 0
CNS-11829
1.) Precondition: 85°C baking for 24hrs
85°C/ 60%R.H. for 168hrs
2.) Tamb25°C; IF=20mA; duration 1000hrs
High humidity,
high temperature
bias
1Q/ 1/ 45/ 0
JESD-A101-B
Tamb: 85°C
Humidity: 85% R.H., IF=5mA
Duration: 1000hrs
High temperature
bias
1Q/ 1/ 20
HT specs.
Tamb: 55°C
IF=20mA
Duration: 1000hrs
Pulse life test
1Q/ 1/ 40/ 0
Tamb25°C, If=20mA,, Ip=100mA, Duty
cycle=0.125 (tp=125μs,T=1sec)
Duration 500hrs)
Temperature cycle
1Q/ 1/ 76/ 0
JESD-A104-A
IEC 68-2-14, Nb
A cycle: -40 degree C 15min; +85 degree C
15min
Thermal steady within 5 min..
300 cycles
2 chamber/ Air-to-air type
High humidity
storage test
1Q/ 1/ 40/ 0
CNS-6117
60+3°C
90+5/-10% R.H. for 500hrs
High temperature
storage test
1Q/ 1/ 40/ 0
CNS-554
100+10°C for 500hrs
Low temperature
storage test
1Q/ 1/ 40/ 0
CNS-6118
-40+5°C for 500hrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com