Electronic Components Datasheet Search
  English  ▼

X  

AG8889AP Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # AG8889AP
Description  CALL WAITING DECODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

AG8889AP Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  AG8889AP Datasheet HTML 1Page - ELAN Microelectronics Corp AG8889AP Datasheet HTML 2Page - ELAN Microelectronics Corp AG8889AP Datasheet HTML 3Page - ELAN Microelectronics Corp AG8889AP Datasheet HTML 4Page - ELAN Microelectronics Corp AG8889AP Datasheet HTML 5Page - ELAN Microelectronics Corp AG8889AP Datasheet HTML 6Page - ELAN Microelectronics Corp AG8889AP Datasheet HTML 7Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
* This specification are subject to be changed without notice.
AG8889
CALL WAITING DECODER
8.8.2000
DC CHARACTERISTIC
VDD=5V, Vss=0V, Ta=25
°C, fOSC=3.58MHz
Sym.
Description
Condition
Min.
Typ.
Max.
Unit
VDD
operating supply voltage
3.6
6
V
IDD
operating supply current
3.3
5
mA
VIL
low level input voltage
1.5
V
VIH
high level input voltage
3.5
V
VOL
low level output voltage
load=1mA
0.4
V
VOH
high level output voltage
load=1mA
4.6
V
Note: 1.both tones in the composite signal have equal amplitude.
2.tone pair is deviated by 0.5%.
3.addes a 0.1uf capacitor between Power and Ground.
AC ELECTRICAL CHARACTERISTIC
(VDD=+5V,Ta=+25
°C)
CHARACTERISTIC
Min.
Typ.
Max.
Unit
Input sensitivity TIP and RING pins ,Vdd=+5V, Input G=1
-38
dBm
Input frequency tolerance for 2130Hz
±1.2
%
Input frequency tolerance for 2750Hz
±1.2
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com