Electronic Components Datasheet Search
  English  ▼

X  

EM19100 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM19100
Description  8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM19100 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM19100 Datasheet HTML 1Page - ELAN Microelectronics Corp EM19100 Datasheet HTML 2Page - ELAN Microelectronics Corp EM19100 Datasheet HTML 3Page - ELAN Microelectronics Corp EM19100 Datasheet HTML 4Page - ELAN Microelectronics Corp EM19100 Datasheet HTML 5Page - ELAN Microelectronics Corp EM19100 Datasheet HTML 6Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
* This specification are subject to be changed without notice.
EM19100
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
4
1.26.1996
Timing explanation
EM19100 is a 2-step parallel system A/D converter featuring a 4-bit upper comparators group and 2 lower
comparators groups of 4-bit each. The reference voltage that is equal to the voltage between V
RT-VRB/16 is
constantly applied to the upper 4-bit comparator block. Voltage that corresponded to the upper data is fed through
the reference supply to the lower data. V
RTS and VRBS pins serve for the self generation of VRT (Reference
voltage top) and V
RB(Reference voltage bottom).
This IC uses an offset cancel type comparator and operates synchronously with an external clock. It features the
following operating modes which are respectively indicated on the timing chart with S, H, C symbols. That is
input sampling (auto zero) mode, input hold mode and comparison mode.
The operation of respective parts is as indicated in the chart. For instance input voltage Vi(1) is sampled with the
falling edge of the first clock by means of the upper comparator block and the lower comparator A block. The
upper comparators block finalizes comparison data MD(1) with the rising edge of the first clock. Simultaneously
the reference supply generates the lower reference voltage RV(1) that corresponded to the upper results. The
lower comparator block finalizes comparison data LD(1) with the rising edge of the second clock. MD(1) and
LD(1) are combined and output as Out(1) with the rising edge the 3rd clock. Accordingly there is a 2.5 clock delay
from the analog input sampling point to the digital data output.
Application Note
V
DD,VSS
To reduce noise effects, separate the analog and digital systems close to the device. For both the digital and
analog V
DD pins, use a ceramic capacitor of about 0.1uF set as close as possible to the pin to bypass to the
respective GND’s.
Analog input
Compared with the flash type A/D converter, the input capacitance of the analog input is rather small. However
it is necessary to conduct the drive with an amplifier featuring sufficient band and drive capability. When
driving with an amplifier of low output impedance, parasite oscillation may occur. That may be prevented by
inserting a resistance of about 100
Ω in series between the amplifier output and A/D input.
Clock input
The clock line wiring should be as short as possible also, to avoid any interference with other signals, separate
it from other circuits
Reference input
Voltage between V
RT to VRB is compatible with the dynamic range of the analog input. Bypassing VRT and
V
RB pins to GND, by means of a capacitor about 0.1µF, stable characteristics are obtained. By shorting VRT
and V
RTS, VRB and VRBS, the self bias function that generates VRT=2.6V and VRB=0.6V, is activated.
Timing
Analog input is sampled with the falling edge of CLK and output as digital data with a delay of 2.5 clocks and



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com