Electronic Components Datasheet Search
  English  ▼

X  

EM19100M Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM19100M
Description  8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM19100M Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM19100M Datasheet HTML 1Page - ELAN Microelectronics Corp EM19100M Datasheet HTML 2Page - ELAN Microelectronics Corp EM19100M Datasheet HTML 3Page - ELAN Microelectronics Corp EM19100M Datasheet HTML 4Page - ELAN Microelectronics Corp EM19100M Datasheet HTML 5Page - ELAN Microelectronics Corp EM19100M Datasheet HTML 6Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
* This specification are subject to be changed without notice.
EM19100
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
1.26.1996
Parameter
Sym.
Conditions
Min. Typ. Max.
Unit
Digital output current
I
OH
OE=V
SS,VOH=VDD-0.5V
-1.1
mA
I
OL
V
DD=min.
V
OL=0.4V
3.7
Digital output current
I
OZH
OE=V
DD,VOH=VDD
16
uA
V
OL=0V
16
Output data delay
T
DL
18
30
ns
Integral nonlinearity
EL
F
C=20MSPS VIN=0.6V to 2.6V
0.5
1.3
LSB
Differential nonlinearity
ED
F
C=20MSPS VIN=0.6V to 2.6V
±0.3 ±0.5 LSB
Differential gain error
DG
NTSC 40 IRE mod ramp,
F
C=14.3MSPS
1.0
%
Differential phase error
D
P
0.5
deg
Aperture jitter
t
AJ
30
ps
Sampling delay
t
DS
4ns
Analog input
External clock
S(1)
C( 1)
S(2)
C( 2)
S(3)
C( 3)
S(4)
C( 4)
MD (0)
MD (1)
MD (2 )
MD(3)
RV( 0)
RV(1)
RV(2)
RV( 3)
S(1)
H( 1)
C (1)
S(3)
H(3)
C( 3)
LD (-1)
LD(1 )
H( 0)
C (0)
S(2)
H(2 )
C (2)
S(4)
H (4)
LD(-2)
LD( 0)
LD (2)
OUT( -2)
OUT( -1)
OU T (0 )
OU T( 1)
Upper comparators
block
Upper data
Lower comparators
A block
Lower data A
Lower reference
voltage
Lower comparators
B block
Lower data B
Digital output
Vi(2)
Vi(1)
Vi(3)
Vi(4)
Timing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com