Electronic Components Datasheet Search
  English  ▼

X  

EM19110 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM19110
Description  10-BIT 5 MSPS A/D CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM19110 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM19110 Datasheet HTML 1Page - ELAN Microelectronics Corp EM19110 Datasheet HTML 2Page - ELAN Microelectronics Corp EM19110 Datasheet HTML 3Page - ELAN Microelectronics Corp EM19110 Datasheet HTML 4Page - ELAN Microelectronics Corp EM19110 Datasheet HTML 5Page - ELAN Microelectronics Corp EM19110 Datasheet HTML 6Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
* This specification are subject to be changed without notice.
EM19110
10-BIT 5 MSPS A/D CONVERTER
2
5.26.1997
FUNCTIONAL BLOCK DIAGRAM
Error
correction
Fine encoder
Coarse encoder
Fine encoder
Fine
Comparators with
S/ H (6bit)
Coarse
Comparators with
S/ H (4bit)
Fine
Comparators with
S/ H (6bit)
Ladder resistors
4
3
6
5
8
7
10
9
12
11
2
1
15
13
14
16
17
18
19
20
21
22
23
24
Clock center
/OE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
CLK
DVDD
VRTS
VRT
VR3
VR2
AVDD
VIN
AVSS
VRBS
VRB
VR1
DVSS
data
latches
and
OE
Output enable
D0
Data output bit 0 (LSB)
D1
Data output bit 1
D2
Data output bit 2
D3
Data output bit 3
D4
Data output bit 4
D5
Data output bit 5
D6
Data output bit 6
D7
Data output bit 7
D8
Data output bit 8
D9
Data output bit 9 (MSB)
CLK
Clock input
DVDD
Digital power supply
VRTS
Top internal reference voltage
VRT
Top reference voltaget
VR3
Tap-3 reference voltage
VR2
Tap-2 reference voltage
AVDD
Analog power supply
VIN
Analog input voltage
AVSS
Analog ground
VR-1
Tap-1 reference voltage
VRBS
Bottom internal reference voltage
VRB
Bottom reference voltage
DVSS
Digital ground
Symbol
Function
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com