Electronic Components Datasheet Search
  English  ▼

X  

EM19101S Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM19101S
Description  8-BIT 5 MSPS A/D CONVERTER (CMOS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM19101S Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM19101S Datasheet HTML 1Page - ELAN Microelectronics Corp EM19101S Datasheet HTML 2Page - ELAN Microelectronics Corp EM19101S Datasheet HTML 3Page - ELAN Microelectronics Corp EM19101S Datasheet HTML 4Page - ELAN Microelectronics Corp EM19101S Datasheet HTML 5Page - ELAN Microelectronics Corp EM19101S Datasheet HTML 6Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
* This specification are subject to be changed without notice.
EM19101
8-BIT 5 MSPS A/D CONVERTER (CMOS)
4.23.1997
Step
Analog Input (V)
Digital Output Code
Conditions
0
0.607815
00000000
VRB=0.6V
1
0.607815~0.6156250
00000001
VRT=2.6V
2
0.6156250~0.6234375
00000010
1LSB=7.8125mV
....
....
....
124
1.6000000~1.6078125
10000000
125
1.6078125~1.6156250
10000001
....
....
....
254
2.5843750~2.5921875
11111110
255
2.5921875~
11111111
OUTPUT CODING
(F
C=5MPS,VDD=5V,VRB=0.5V,VRT=2.5V,Ta=25°C External clock duty=40 to 60%)
Parameter
Sym.
Conditions
Min. Typ. Max.
Unit
Maximum Conversion Speed
F
C
Vin=0.6V to 2.6V fin=1kHz ramp
5
MSPS
Supply current
I
DD
F
C=5MSPS NTSC ramp wave input
10
15
mA
Reference pin current
I
REF
5.7
8.0
9.1
mA
Analog input bandwidth
BW
1
MHz
Analog input capacitance
C
IN
V
IN=1.5V+0.07Vrms
11
pF
Reference resistance
R
REF
220
250
350
Ω
Internal bias
V
RB
Short V
RB and VRBS
0.55
0.6
0.65
V
V
RT
-V
RB
Short V
RT
and V
RTS
1.9
2.0
2.1
Offset Voltage
E
OT
-10
-35
-60
mV
E
OB
015
45
Digital input voltage
V
IH
4.0
V
V
IL
1.0
Digital input current
I
IH
V
DD
=max.
V
IH
=V
DD
5uA
I
IL
V
IL=0V
5
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
Items
Sym.
Rating
Unit
Supply voltage
V
DD
7V
Operating temperature
T
OPR
-20 to +65
°C
Input voltage
V
IN
V
SS
to V
DD
V
Ref, Input voltage
V
RT,VRB
V
SS to VDD
V
Recommended Poerating Conditions
Items
Sym.
Rating
Unit
Supply voltage
AV
DD,AVSS
4.75 TO 5.25
V
DV
DD,DVSS
|DGND-AGND|
0 to 100
mV
Reference input voltage
V
RB
0 and above
V
V
RT
V
DD and below
V
V
RT - VRB
1.0 to 3.0
V
Analog input voltage
V
IN
V
RB
to V
RT
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com