Electronic Components Datasheet Search
  English  ▼

X  

KPLT5000M50 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPLT5000M50
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLT5000M50 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPLT5000M50 Datasheet HTML 1Page - COSMO  Electronics Corporation KPLT5000M50 Datasheet HTML 2Page - COSMO  Electronics Corporation KPLT5000M50 Datasheet HTML 3Page - COSMO  Electronics Corporation KPLT5000M50 Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APPROVAL SHEET
DATE: 11/29/2007
NO.60F20004 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLT5000M5X/6X/7X/8X SHEET 3 OF 4
1
4. Measuring method
(1).Measuring method of optical output coupling fiber
to be measured
Vin
GND
Vcc
PHOTOLINK Unit
Standard optical fiber cable
Optical Power Meter must be calibrated to
have the wavelength sensitivity of 650nm
| 0 dBm=1mW |
Optical Power Meter
(2).Measuring method of power dissipation current and input voltage
Vin
Vcc
GND
Icc
Vin
Vcc
Standard optical fiber cable
Optical Power Meter must be calibrated to
have the wavelength sensitivity of 650nm
| 0 dBm=1mW |
Optical Power Meter
PHOTOLINK Unit
to be measured
(3).Measuring method of Pulse response
25Mbps NRZ"1010" successive pattern
Oscilloscope
Input signal
Input
Output signal
Vin
GND
Vcc
Vcc
PHOTOLINK Unit
to be measured
Standard optical fiber cable
CH2
CH1
Standard receiver
50%
50%
PHL
PLH
Output signal (CH2)
Input signal (CH1)
Output signal (CH2)
Input signal (CH1)
VOH
VOL
tf
tr
50%
90%
50%
10%
t
t
tw= t
- t
△
PHL
PLH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com