Electronic Components Datasheet Search
  English  ▼

X  

KP3040 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KP3040
Description  16PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP3040 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KP3040 Datasheet HTML 1Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 2Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 3Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 4Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 5Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 6Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 7Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 8Page - COSMO  Electronics Corporation KP3040 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P13001.1
- 2 -
http://www.cosmo-ic.com
cosmo
KP3040 Series
16PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Outside Dimension
Unit : mm
KP3040
KP3040S
KP3040H
KP3040L
TOLERANCE:±0.2mm
7.62
6.50
0.50
1.20
2.54
2.54
19.84
13.00
0.25
°
13.00
°
1.20
0.10±0.1
19.84
2.54
2.54
10.00±0.4
1.00
0.25
6.50
7.62
0
~10°
19.84
1.20
0.50
2.54
6.50
7.62
0.25
10.16±0.50
0
~10°
6.50
7.62
10.16
0.90±0.25
0.90±0.25
11.80+0.2
-0.5
1.20
19.84
2.54
2.54
1.Dual-in-line type.
2.Surface mount type.
3.Long creepage distance type
4.Long creepage distance
for surface mount type.
Device Marking
Notes:
cosmo
3040
YWW
Y: Year code / WW: Week code
cosmo
3040
YWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com