Electronic Components Datasheet Search
  English  ▼

X  

EM58P300 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM58P300
Description  TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM58P300 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM58P300 Datasheet HTML 1Page - ELAN Microelectronics Corp EM58P300 Datasheet HTML 2Page - ELAN Microelectronics Corp EM58P300 Datasheet HTML 3Page - ELAN Microelectronics Corp EM58P300 Datasheet HTML 4Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
* This specification are subject to be changed without notice.
3
EM58P300SERIES
EM58P300SERIES
EM58P300SERIES
EM58P300SERIES
EM58P300SERIES
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
DUALCHANNELSOUNDPROCESSOR
10.15.2001
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
DC PROGRAMMING CHARACTERISTICS
DC PROGRAMMING CHARACTERISTICS
DC PROGRAMMING CHARACTERISTICS
DC PROGRAMMING CHARACTERISTICS
DC PROGRAMMING CHARACTERISTICS (V
DD
= 5V+0.5v, V
PP
= 12.5V+0.5v)
Items
Items
Items
Items
Items
Sym.
Sym.
Sym.
Sym.
Sym.
Min.
Min.
Min.
Min.
Min.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Input high voltage
V
IH
2.2
V
DD+1.0
V
Input low voltage
V
IL
-0.3
0.8
V
Input current
I
IN
-10
µA
V
DD=5V, VIN=0~VDD
Output high voltage
V
OH
2.4
-
V
I
OH =400µA
Output low volatge
V
OL
-
0.4
V
I
OL
=2.1mA
VDD supply current
I
DD
-
100
mA
V
DD
=5V
VPP supply current
I
PP
-50
mA
V
PP=12.5V
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (V
DD = 3V,25
oC unless otherwise specified)
Parameter
Parameter
Parameter
Parameter
Parameter
Sym.
Sym.
Sym.
Sym.
Sym.
Min.
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
Condition
Operating voltage
V
DD
2.4
3.0
5.5
V
Standby current
I
DDS
-
-
1.0
µA
V
DD
=3V
Operating current
I
DDO
-
-
250
µA
V
DD
=3V, No load
Drive current of P2,P3
I
OD
2.0
3.0
-
mA
V
DD=3V, VO=2.4V
Sink current of P3
I
OS
2.3
3.5
-
mA
V
DD=3V, VO=0.4V
Sink current of P2 (after KEYB)
I
OS1
2.3
3.5
-
mA
V
DD=3V, VO=0.4V
Sink current of P2
I
OS2
-
3.0
10
µA
V
DD=3V, VO=0.4V
(before KEYB)
Input current of P1
I
IH
-
3.0
10
µA
V
DD=3V
Output current of VO1, VO2
I
VO
4.0
5.0
6.0
mA
V
DD
=3V, V
O
=0.7V,
two channel full scale output
Oscillation resistor
Rosc
-
100
-
K
Ω
V
DD
=2.4V ~ 5.5V
Oscillator frequency
F
osc
0.9
1.0
1.1
MHz
V
DD=2.4V ~ 5.5V
Oscillator frequency deviation
∆Fosc/
F
osc
-10
-
10
%
V
DD=2.4V ~ 5.5V
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Items
Items
Items
Items
Items
Sym.
Sym.
Sym.
Sym.
Sym.
Min.
Min.
Min.
Min.
Min.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Supply Voltage
V
DD-VSS
-0.3
6.0
V
Input Voltage
V
IN
V
SS
-0.3
V
DD
+0.3
V
Operating Temperature
T
OP
-20
70
o C
Storage Temperature
T
STG
-55
+125
o C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com