Electronic Components Datasheet Search
  English  ▼

X  

ACPL-847 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-847
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-847 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-847 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-847 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
ACPL-8x7
Multi-Channel Full-Pitch Phototransistor Optocoupler
Data Sheet
Description
The ACPL-827 is a DC-input dual channel full-pitch
phototransistor optocoupler which contains two light
emitting diode optically coupled to two separate
transistor. It is packaged in a 8-pin DIP package.
Likewise, the ACPL-847 is a DC-input quad channel full-
pitch phototransistor optocoupler which contains four
light emitting diode optically coupled to four separate
transistor. It is packaged in a 16-pin DIP package
For both types, it is also available in wide-lead spacing
option and lead bend SMD option with input-output
isolation voltage at 5000 Vrms. Response time, tr, is
typically 4 μs and minimum CTR is 50% at input current
of 5 mA
ACPL-827 pin layout
Features
• Current transfer ratio
(CTR: min. 50% at IF = 5mA, VCE = 5V)
• High input-output isolation voltage
(VISO = 5,000VRMS)
• Response time
(tr: typ. 4µs at VCE = 2V, IC = 2mA, RL= 100W)
• Compact dual-in-line package
• Safety and regulatory approvals
- CSA
- UL 1577
- IEC/EN/DIN EN 60747-5-2
• Options available:
– Leads with 0.4” (10.16 mm) spacing (W00)
– Lead bend for surface mounting (300)
– Tape and reel for SMD (500) – available only for
ACPL-827
– IEC/EN/DIN EN 60747-5-2 approved (060)
– Lead-Free (000E)
Applications
• I/O Interface for Programmable controllers,
computers.
• Sequence controllers
• System appliances, measuring instruments
• Signal transmission between circuits of different
potentials and impedances.
1
23
4
876
5
1
23
4
876
5
1
23
4
16 15 14 13
5
67
8
12 11 10 9
1
23
4
16 15 14 13
5
67
8
12 11 10 9
• Pin1,3
Anode
• Pin2,4
Cathode
• Pin5,7
Emitter
• Pin6,8
Collector
ACPL-847 pin layout
• Pin1,3,5,7
Anode
• Pin2,4,6,8
Cathode
• Pin9,11,13,15
Emitter
• Pin10,12,14,16
Collector
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - ACPL-847

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-847 BOARDCOM-ACPL-847 Datasheet
800Kb / 12P
Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-000E AVAGO-ACPL-847-000E Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
ACPL-847-060E AVAGO-ACPL-847-060E Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
ACPL-847-300E AVAGO-ACPL-847-300E Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-847

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
ACPL-844-000E AVAGO-ACPL-844-000E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com