Electronic Components Datasheet Search
  English  ▼

X  

AD706JRZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD706JRZ
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706JRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD706JRZ Datasheet HTML 4Page - Analog Devices AD706JRZ Datasheet HTML 5Page - Analog Devices AD706JRZ Datasheet HTML 6Page - Analog Devices AD706JRZ Datasheet HTML 7Page - Analog Devices AD706JRZ Datasheet HTML 8Page - Analog Devices AD706JRZ Datasheet HTML 9Page - Analog Devices AD706JRZ Datasheet HTML 10Page - Analog Devices AD706JRZ Datasheet HTML 11Page - Analog Devices AD706JRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. E
–8–
AD706
OUTPUT
*WITHOUT THE NETWORK,
PINS 1 AND 2, AND 6 AND 7
OF THE AD706 ARE TIED
TOGETHER.
CAPACITORS C1 AND C2
ARE SOUTHERN ELECTRONICS
MPCC, POLYCARB
5%, 50V
+
–
C4
C3
0.1 F
+VS
OPTIONAL BALANCE
RESISTOR NETWORKS*
1/2
AD706
1/2
AD706
INPUT
C1
C2
+
–
R1
1M
0.1 F
R2
1M
R3
1M
R4
1M
–VS
R5
2M
C5
0.01 F
3
2
4
1
5
6
7
8
R6
2M
C6
0.01 F
Figure 7. 1 Hz, 4-Pole Active Filter
1 Hz, 4-Pole, Active Filter
Figure 7 shows the AD706 in an active filter application. An
important characteristic of the AD706 is that both the input bias
current, input offset current, and their drift remain low over
most of the op amp’s rated temperature range. Therefore, for
most applications, there is no need to use the normal balancing
resistor. Adding the balancing resistor enhances performance at
high temperatures, as shown by Figure 8.
TEMPERATURE – C
180
–40
0
40
60
120
0
–60
–120
–180
80
120
WITHOUT OPTIONAL
BALANCE RESISTOR, R3
WITH OPTIONAL BALANCE
RESISTOR, R3
Figure 8. VOS vs. Temperature Performance
of the 1 Hz Filter
Table II. 1 Hz, 4-Pole, Low Pass Filter Recommended Component Values
Section 1
Section 2
Desired Low
Frequency
Frequency
C1
C2
C3
C4
Pass Response
(Hz)
Q
(Hz)
Q
( F)
( F)
( F)
( F)
Bessel
1.43
0.522
1.60
0.806
0.116
0.107
0.160
0.0616
Butterworth
1.00
0.541
1.00
1.31
0.172
0.147
0.416
0.0609
0.1 dB Chebychev
0.648
0.619
0.948
2.18
0.304
0.198
0.733
0.0385
0.2 dB Chebychev
0.603
0.646
0.941
2.44
0.341
0.204
0.823
0.0347
0.5 dB Chebychev
0.540
0.705
0.932
2.94
0.416
0.209
1.00
0.0290
1.0 dB Chebychev
0.492
0.785
0.925
3.56
0.508
0.206
1.23
0.0242
NOTE
Specified Values are for a –3 dB point of 1.0 Hz. For other frequencies simply scale capacitors C1 through C4 directly, i.e. for 3 Hz
Bessel response, C1 = 0.0387
µF, C2 = 0.0357 µF, C3 = 0.0533 µF, C4 = 0.0205 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com