Electronic Components Datasheet Search
  English  ▼

X  

AD706 Datasheet(PDF) 7 Page - Analog Devices

Part # AD706
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD706 Datasheet HTML 3Page - Analog Devices AD706 Datasheet HTML 4Page - Analog Devices AD706 Datasheet HTML 5Page - Analog Devices AD706 Datasheet HTML 6Page - Analog Devices AD706 Datasheet HTML 7Page - Analog Devices AD706 Datasheet HTML 8Page - Analog Devices AD706 Datasheet HTML 9Page - Analog Devices AD706 Datasheet HTML 10Page - Analog Devices AD706 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. E
AD706
–7–
10k
+
AD706
+
0.1µF
8
4
VIN
VOUT
–
+VS
10k
CL
1/2
0.1 F
RL
2.5k
SQUARE
WAVE
INPUT
–VS
Figure 5a. Unity Gain Inverter Connection
Figure 5b. Unity Gain Inverter Large
Signal Pulse Response, CL = 1,000 pF
Figure 5c. Unity Gain Inverter Small
Signal Pulse Response, CL = 100 pF
Figure 5d. Unity Gain Inverter Small
Signal Pulse Response, CL = 1000 pF
Figure 6 shows an in-amp circuit that has the obvious advantage
of requiring only one AD706, rather than three op amps, with
subsequent savings in cost and power consumption. The transfer
function of this circuit (without RG) is
VV
V
R
R
OUT
IN1
IN2
=−
+


() 1
4
3
for R1 = R4 and R2 = R3.
Input resistance is high, thus permitting the signal source to
have an unbalanced output impedance.
+VS
0.1 F
1k
+
–
A1
AD706
1/2
RP*
1k
49.9k
R2
R3
R4
VIN1
RG (OPTIONAL)
R1
49.9k
A2
+
–
0.1 F
AD706
1/2
OUTPUT
*OPTIONAL INPUT PROTECTION RESISTOR FOR GAINS GREATER
THAN 100 OR INPUT VOLTAGES EXCEEDING THE SUPPLY VOLTAGE.
VOUT = (VIN1 – VIN2) (1+
) + (
)
FOR R1 = R4, R2 = R3
R4
R3
2R4
RG
–VS
RP*
VIN2
3
2
8
1
5
6
7
4
Figure 6. Two Op Amp Instrumentation Amplifier
Furthermore, the circuit gain may be fine trimmed using an
optional trim resistor, RG. Like the three op amp circuit, CMR
increases with gain, once initial trimming is accomplished—but
CMR is still dependent upon the ratio matching of Resistors R1
through R4. Resistor values for this circuit, using the optional
gain resistor, RG, can be calculated using
R1
= R4 = 49.9 kΩ
R2
= R3 =
49.9 k
Ω
0.9 G
−1
RG
=
99.8 k
Ω
0.06 G
where G = The desired circuit gain.
Table I provides practical 1% resistance values. Note that
without resistor RG, R2 and R3 = 49.9 k
Ω/G–1.
Table I. Operating Gains of Amplifiers A1 and A2 and
Practical 1% Resistor Values for the Circuit of Figure 6
Circuit Gain
Gain of A1
Gain of A2
R2, R3
R1, R4
1.10
11.00
1.10
499 k
Ω
49.9 k
Ω
1.33
4.01
1.33
150 k
Ω
49.9 k
Ω
1.50
3.00
1.50
100 k
Ω
49.9 k
Ω
2.00
2.00
2.00
49.9 k
Ω
49.9 k
Ω
10.1
1.11
10.10
5.49 k
Ω
49.9 k
Ω
101.0
1.01
101.0
499
Ω
49.9 k
Ω
1001
1.001
1001
49.9
Ω
49.9 k
Ω
For a much more comprehensive discussion of in-amp applica-
tions, refer to the Instrumentation Amplifier Applications Guide—
available free from Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com