Electronic Components Datasheet Search
  English  ▼

X  

BAV99TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV99TA
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99TA Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV99TA Datasheet HTML 1Page - Diodes Incorporated BAV99TA Datasheet HTML 2Page - Diodes Incorporated BAV99TA Datasheet HTML 3Page - Diodes Incorporated BAV99TA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV99
Document number: DS12007 Rev. 25 - 2
1 of 4
www.diodes.com
January 2014
© Diodes Incorporated
BAV99
DUAL SURFACE MOUNT SWITCHING DIODE
Features
•
Fast Switching Speed
•
Surface Mount Package Ideally Suited for Automated Insertion
•
For General Purpose Switching Applications
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
BAV99-7-F
Standard
SOT23
3,000/Tape & Reel
BAV99-13-F
Standard
SOT23
10,000/Tape & Reel
BAV99Q-7-F
Automotive
SOT23
3,000/Tape & Reel
BAV99Q-13-F
Automotive
SOT23
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code 9W (week 39, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 9W are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
1998
1999
…..
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
J
K
…..
T
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Top View
Internal Schematic
Kxx
Kxx
xx = JE, Product Type Marking Code
YM = Date Code Marking for Chengdu
Assembly / Test site
= Year (ex: A = 2013)
M = Month (ex: 9 = September)
xx = JE, Product Type Marking Code
YM = Date Code Marking for Shanghai
Assembly / Test site
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
e3


Similar Part No. - BAV99TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99T DIODES-BAV99T Datasheet
200Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Infineon Technologies A...
BAV99T INFINEON-BAV99T Datasheet
487Kb / 8P
Silicon Switching Diode
Mar-10-2004
logo
Weitron Technology
BAV99T WEITRON-BAV99T Datasheet
265Kb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
BAV99T DIODES-BAV99T Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 7 - 2
logo
TRANSYS Electronics Lim...
BAV99T TEL-BAV99T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
More results

Similar Description - BAV99TA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com