Electronic Components Datasheet Search
  English  ▼

X  

EM73P461A Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM73P461A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461A Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM73P461A Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 24Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
P31(3,2)
P4.0/SOUND
SOUND
P4.1/TRGH
8-bit binary counter
P31(1,0)
P11
÷2
P10
XIN
Input data
Data bus
Reload
Overflow
HTCI interrupt
Timer/counter B
Output data
mask option
FHTC
For the pulse width measurement mode, the counter only incresed by the rising edge of internal pulse rate as
external timer/counter input (P8.1/TRGB, P8.3/TRGA ), interrupt request will be generated as soon as
timer/counter count overflow.
Internal pulse
TimerB(TimerA) value
n
n+1
n+2
n+3
n+4
n+5
P8.1/TRGB(P8.3/TRGA)
PROGRAM EXAMPLE: Enable timerA by pulse width measurement mode.
LDIA #1100b;
OUTA P28; Enable timerA with pulse width measurement mode.
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
EM73P461A has one 8-bit high speed timer/counter (HTC). It supports three special functions : auto load
timer, melody output and pulse width measurement modes. The HTC is available for the NORMAL and
SLOW operation mode.
The HTC can be set initial value and send counter value to counter registers (P11 and P10), P31 is the
command port for HTC, user can choose different operation mode and different internal clockrate by setting
the port. The timer/counter increase one at the rising edge of internal pulse. The HTC can generate an overflow
interrupt (HTCI) when it overflows. The HTCI cannot be generated when the HTC is in the melody mode
or disabled.
P31 is the command register of the 8-bit high speed timer/counter.
P31
32
1
0
Initial value : 0000
HTMS
HIPS
HTMS
Mode selection
HIPS
Clock rate selection
NORMAL mode
SLOW mode
0 0
Stop
0 0
LXIN/20 Hz
LXIN/20 Hz
0 1
Auto load timer mode
0 1
LXIN/22 Hz
LXIN/22 Hz
1 0
Melody mode
1 0
CLK/24 Hz
Reserved
1 1
Pulse width measurement mode
1 1
CLK/26 Hz
Reserved
P11 and P10 are the counter registers of the 8-bit high speed timer/counter. P10 is the lower nibble register
and P11 is the higher nibble register. (HT is the value of counter registers.)
P11
32
1
0
P10
32
10
Initial value : 0000 0000 (HT)
Higher nibble register
Lower nibble register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com