Electronic Components Datasheet Search
  English  ▼

X  

EM73P968 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
ZERO- PAGE:
From 000h to 00Fh is the zero-page location. It is used as the zero-page address mode pointer for the
instruction of "STD #k,y; ADD #k,y; CLR y,b; CMP k,y".
PROGRAM EXAMPLE: To write immediate data "07h" to RAM [03] and to clear bit 2 of RAM [0Eh].
STD #07h, 03h ; RAM[03] ← 07h
CLR 0Eh,2 ; RAM[0Eh]
2 ← 0
STACK:
There are 13 - level (maximum) stack levels that user can use for subroutine (including interrupt and CALL).
User can assign any level be the starting stack by providing the level number to stack pointer (SP).
When an instruction (CALL or interrupt) is invoked, before enter the subroutine, the previous PC address
is saved into the stack until returned from those subroutines, the PC value is restored by the data saved in stack.
DATA AREA:
Except the area used by user's application, the whole RAM can be used as data area for storing and loading
general data.
ADDRESSING MODE
The 2548 nibble data memory consists of ten banks (bank 0 ~ bank 9). There are 244x4 bits (address
000h~0F3h) in bank 0 and 2304x4 bits (address 100h ~ 9FF) in bank 1 ~ bank 9.
The bank is selected by P9.
P9(3..0)
Initial value : 0 0 0 0
RBK
Bank
RAM address(hex)
0 0 0 0
0
0 0 0 ~ 0 F F
0 0 0 1
1
1 0 0 ~ 1 F F
0 0 1 0
2
2 0 0 ~ 2 F F
0 0 1 1
3
3 0 0 ~ 3 F F
0 1 0 0
4
4 0 0 ~ 4 F F
0 1 0 1
5
5 0 0 ~ 5 F F
0 1 1 0
6
6 0 0 ~ 6 F F
0 1 1 1
7
7 0 0 ~ 7 F F
1 0 0 0
8
8 0 0 ~ 8 F F
1 0 0 1
9
9 0 0 ~ 9 F F
1 0 1 0~
0
0 0 0 ~ 0 F F
1 1 1 1
The Data Memory consists of three Address mode, namely -
(1) Indirect addressing mode:
The address in the bank is specified by the HL registers.
P9(3,2,1,0)
HR
LR
RAM address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com