Electronic Components Datasheet Search
  English  ▼

X  

ADDR14 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ADDR14
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR14 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ADDR14 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 48Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 49Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 50Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 51Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 52Page - List of Unclassifed Manufacturers ADDR14 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
SDRAM tim i ng
ww w.d i gi .c om
45
SDRAM write
SDRAM write
Notes:
1
Port size determines which byte enable signals are active:
–
8-bit port = BE3*
–
16-bit port = BE[3:2]
–
32-bit port = BE[3:0]
2
The precharge and/or active commands are not always present. These commands depend on
the address of the previous SDRAM access.
3
The TA* and TEA*/LAST signals are for reference only.
T1
T2
T1
prechg
active
write
inhibit
12
34
34
34
34
34
34
34
34
34
34
34
27
27
13
9
36
36
35
35
6
37
37
31
31
30
30
A10
Note-1
BCLK
TA* (Note-3)
TEA*/LAST* (Note-3)
PortA2/AMUX
Non-muxed address
Muxed address
BE[3:0]* (DQM)
write D[31:0]
CS[4:0]*
CAS3* (RAS)
CAS2* (CAS)
CAS1* (WE)
CAS0* (A10/AP)
RW*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com