Electronic Components Datasheet Search
  English  ▼

X  

ADDR11 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ADDR11
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR11 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ADDR11 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADDR11 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
System mod e (test supp ort)
16
NS 75 20 Da ta shee t
03 /2 00 6
System mode (test support)
PLLTST_, BISTEN_, and SCANEN_ primary inputs control different test modes for both functional
and manufacturing test operations (see Table 3: "NS7520 test modes" on page 22).
JTAG test
JTAG boundary scan allows a tester to check the soldering of all signal pins and tri-state all
outputs.
ARM debugger signal descriptions
Symbol
Pin
I/O
OD
Description
PLLTST_
N15
I
Encoded with BISTEN_ and SCANEN_
Add an external pullup to 3.3V or pulldown to GND.
BISTEN_
M15
I
Encoded with PLLTST_ and SCANEN_
Add an external pullup to 3.3V or pulldown to GND.
SCANEN_
L13
I
Encoded with BISTEN_ and PLLTST_
Add an external pullup to 3.3V or pulldown to GND.
Symbol
Pin
I/O
OD
Description
TDI
N14 U
I
Test data in.
TDO
M13
O
2
Test data out.
TMS
M12 U
I
Test mode select.
TRST_
M14
I
Test mode reset.
Requires external termination when not being used (see
Figure 3, "TRST_ termination," on page 17 for an
illustration of the termination circuit on the development
PCB).
TCK
P15
I
Test mode clock.
Add an external pullup to 3.3V.
Mnemonic
Signal
Description
TDI
Test data in
TDI operates the JTAG standard. Consult the JTAG specifications
for use in boundary-scan testing. These signals meet the
requirements of the Raven and Jeeni debuggers.
TDO
Test data out
TDO operates the JTAG standard. Consult the JTAG specifications
for use in boundary-scan testing. These signals meet the
requirements of the Raven and Jeeni debuggers.
TMS
Test mode select
TMS operates the JTAG standard. Consult the JTAG specifications
for use in boundary-scan testing. These signals meet the
requirements of the Raven and Jeeni debuggers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com