Electronic Components Datasheet Search
  English  ▼

X  

ADDR2 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ADDR2
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR2 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ADDR2 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 34Page - List of Unclassifed Manufacturers ADDR2 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Oscilla to r Characteristics
ww w.d i gi .c om
27
Oscillator Characteristics
Figure 8 illustrates the recommended oscillator circuit details.
Rise/fall time. The max rise/fall time on the system clock input pin is 1.5ns when used
with an external oscillator.
Duty cycle. The duty cycle is system-dependent with an external oscillator. It affects the
setup and hold times of signals that change in the falling clock edges, such as WE_/OE_.
Recommendation: Use a 3.3V, 50±10% duty cycle oscillator with a 100 ohm series resistor
at the output. The PLLs can handle a 25% duty cycle clock (minimum high/low time
4.5nS).
Figure 8: Oscillator circuit details
CS[4:0]_, CAS[3:0], RW_, WE_, OE_
0.137
MDC, TXD[3:0], TXER, TXEN, TDO
0.274
Signal
Derating (ns/pF)
Table 8: Output buffer derating by load capacitance
3R3V
SCANEN_
PLL enabled - U1 & R2 IN, R1 OUT
C2
10pF
A 18.432MHz crystal or 55.296MHz
oscillator allows full speed operation.
R4
0 OHM
NC
U1
LVC04
1
2
3
4
5
RESET_
K14
3R3V
C3
100nF
C1
10pF
R2
0 OHM
PLL bypassed - U1 & R2 OUT, R1 IN
R1
10K
Y2
SM_Oscillator
4
2
1
3
VCC
GND
TEST
OUT
K12
NS7520
R3
1M
R11
100 OHM
XTAL1
A10
Rise time = 18ns;
0.8V to 2.0V
XTAL1
L13
RESET_
XTAL2
Optional 36.864-55.296MHz Oscillator
TB1
XTAL2
X2
10-20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com