Electronic Components Datasheet Search
  English  ▼

X  

DATA26 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DATA26
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DATA26 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DATA26 Datasheet HTML 14Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 15Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 16Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 17Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 18Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 19Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 20Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 21Page - List of Unclassifed Manufacturers DATA26 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Ge ne r a l P u rp ose I / O
14
NS 75 20 Da ta shee t
03 /2 00 6
Notes:
1
RESET output indicates the reset state of the NS7520. PORTC4 persists beyond the negation of
RESET_ for approximately 512 clock cycles if the PLL is disabled. When the PLL is enabled,
PORTC4 persists beyond the negation of RESET_ to allow for PLL lock for 100 microseconds
times the ratio of the VCO to XTALA.
This GPIO is left in output mode active following a hardware RESET.
2
PORTC[3:0] pins provide level-sensitive interrupts. The inputs do not need to be synchronous
to any clock. The interrupt remains active until cleared by a change in the input signal level.
PORTC5
RTSB_
REJECT_
F15 U I/O
2
Channel 2 RTS_
CAM reject
PORTC41
RXCB/RIB_/
OUT1B_
RESET_
F12 U I/O
2
Pgm’able Out/
Channel 2
RXCLK/Channel 2
ring signal/
Channel 2 SPI
clock (CLK)
RESET output
PORTC32
RXDB
LIRQ3/
DACK2_
F13 U I/O
2
Channel 2 RXD
Level sensitive IRQ /
DMA channel 4/6
ACK
PORTC22
DSRB_
LIRQ2/RPSF_ E15 U I/O
2
Channel 2 DSR_
Level sensitive IRQ/
CAM request
PORTC12
CTSB_
LIRQ1/
DONE2_(O)
E12 U I/O
2
Channel 2 CTS_
Level sensitive IRQ /
DMA channel 4/6
DONE_Out
PORTC02
TXCB/
OUT2B_/
DCDB_
LIRQ0/
DONE2_(I)
E14 U I/O
2
Pgm’able Out/
Channel 2 DCD/
Channel 2 SPI
enable (SEL_)/
Channel 2 TXCLK
Level sensitive IRQ /
DMA channel 4/6
DONE_In
GPIO signal
Serial
signal
Other
signal
Pin
I/O
OD
Serial channel
description
Other
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com